Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591D335X_025B2_15H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 591D335X_025B2_15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D335X_025B2_15H Datasheet(HTML) 2 Page - Vishay Siliconix

  591D335X_025B2_15H Datasheet HTML 1Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 2Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 3Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 4Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 5Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 6Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 7Page - Vishay Siliconix 591D335X_025B2_15H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
591D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR,
Conformal Coated, Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40012
98
Revision: 23-Jan-08
Note:
* Preliminary values, contact factory for availability
DIMENSIONS in inches [millimeters]
CASE CODE
SUFFIX
H
L (MAX.)
W
A
B
D (REF.)
J (MAX.)
A
15H
0.047 ± 0.012
[1.2 ± 0.3]
0.146
[3.7]
0.072 ± 0.012 [1.8 ±
0.3]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.016
[2.2 ± 0.4]
0.115
[2.9]
0.004
[0.1]
B
15H
0.047 ± 0.012
[1.2 ± 0.3]
0.158
[4.0]
0.110 + 0.012
[2.8 ± 0.3]
0.031 ± 0.012
[0.80 ± 0.30]
0.097 ± 0.016
[2.5 ± 0.4]
0.139
[3.5]
0.004
[0.1]
B
20H
0.079
[2.0] Max.
C
15H
0.047 ± 0.012
[1.2 ± 0.3]
0.281
[7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.4 ± 0.6]
0.238
[6.0]
0.004
[0.1]
C
20H
0.079
[2.0] Max.
D
15H
0.047 ± 0.012
[1.2 ± 0.3]
0.298
[7.5]
0.170 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.254
[6.4]
0.004
[0.1]
D
20H
0.079
[2.0] Max.
R
15H
0.047 ± 0.012
[1.2 ± 0.3]
0.285
[7.2]
0.235 + 0.012/- 0.024
[6.0 + 0.3/- 0.6]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.246
[6.2]
0.004
[0.1]
R
20H
0.079
[2.0] Max.
Note: The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
L
A
B
D
MAX.
REF.
W
J
J
H
MAX.
MAX.
Tantalum Wire
Nib Identifies
Anode (+)
Terminal
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
1.0
A/B
2.2
A/B
B/C
3.3
B/C
B/C/D
4.7
A
A/B
C
B/R
6.8
A
B/C
C/D
D/R
10
A/B
B/C
B/D
D/R
R
15
A/B
B/D
C/R
C*/R
22
A/B
A/B
A/B/C
C/D
C*/D/R
D*
33
B/C
C/D
C/D/R
D*/R
D*
47
B/C
C/D
D/R
C/R
68
C/D
D/R
C/D/R
C/D
R
100
D/R
B/C/D/R
B/C/D
D
150
C/R
C/D/R
C/D
R
220
C/D
C/D/R
D/R
R
330
C/D
C/D/R
D/R
470
C/D/R
C/D/R
680
D/R
R
1000
R
R


Similar Part No. - 591D335X_025B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D336X_010C2T VISHAY-591D336X_010C2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D336X_010D2T VISHAY-591D336X_010D2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D336X_020R2T VISHAY-591D336X_020R2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D337X_004U2T VISHAY-591D337X_004U2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
591D337X_004V2T VISHAY-591D337X_004V2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
More results

Similar Description - 591D335X_025B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com