Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7430 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7430 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 7430 Datasheet HTML 6Page - STMicroelectronics 7430 Datasheet HTML 7Page - STMicroelectronics 7430 Datasheet HTML 8Page - STMicroelectronics 7430 Datasheet HTML 9Page - STMicroelectronics 7430 Datasheet HTML 10Page - STMicroelectronics 7430 Datasheet HTML 11Page - STMicroelectronics 7430 Datasheet HTML 12Page - STMicroelectronics 7430 Datasheet HTML 13Page - STMicroelectronics 7430 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (S)
A chip address byte, containing the TDA7430
/TDA7431 address
A subaddress bytes
A sequence of data (N byte + achnowledge)
A stop condition (P)
ACK = Achnowledge
S = Start
P = Stop
A = Address
B = Auto Increment
S
100000
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU226A
B
DATA
SUBADDRESS
DATA 1 to DATA n
EXAMPLES
No Incremental Bus
The TDA7430 /TDA7431 receives a start condi-
tion, the correct chip address, a subaddress with
the MSB = 0 (no incremental bus), N-datas (all
these datas concern the subaddress selected), a
stop condition.
S
100000
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU306
0D3
SUBADDRESS
DATA
X
X
X
D2 D1 D0
Incremental Bus
The TDA7430 /TDA7431 receive s a start condi-
tion, the correct chip address, a subaddress with
the MSB = 1 (incremental bus): now it is in a loop
condition with an autoincrease of the subaddress
whereas SUBADDRESS from ”1XXX1010” to
”1XXX1111” of DATA are ignored.
The DATA 1 concern thesubaddress sent, and
the DATA 2 concern the subaddress sent plus
one in the loop etc, and at the end it receivers the
stop condition.
S
100000
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU307
1D3
SUBADDRESS
DATA 1 to DATA n
X
X
X
D2 D1 D0
TDA7430 - TDA7431
10/21


Similar Part No. - 7430

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
7430 HOLTEK-7430 Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Heyco.
7430 HEYCO-7430 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
Myrra
74300 MYRRA-74300 Datasheet
106Kb / 1P
   COMMON MODE CHOKE-U10.5
logo
Molex Electronics Ltd.
74300-0001 MOLEX8-74300-0001 Datasheet
108Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughtercard Receptacle, VerticalSignal Module, with Guide, 144 Circuits, Mounted Height 13.00mm (.512"), Pin Length
74300-0127 MOLEX8-74300-0127 Datasheet
157Kb / 3P
   2.00mm (.079") Pitch HDM Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, with Guide
More results

Similar Description - 7430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
September 2003
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com