Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591D336X_020D2_20H Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 591D336X_020D2_20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D336X_020D2_20H Datasheet(HTML) 3 Page - Vishay Siliconix

  591D336X_020D2_20H Datasheet HTML 1Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 2Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 3Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 4Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 5Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 6Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 7Page - Vishay Siliconix 591D336X_020D2_20H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
99
591D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR,
Conformal Coated, Maximum CV
Vishay Sprague
Note:
* Preliminary values, contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to ”0”
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER*
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
4 WVDC AT + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
22
A
591D226X_004A2_15H
0.9
6
1.200
0.22
22
B
591D226X_004B2_15H
0.9
6
0.800
0.32
47
B
591D476X_004B2_15H
1.9
6
0.800
0.33
47
C
591D476X_004C2_15H
1.9
6
0.200
0.74
68
C
591D686X_004C2_15H
2.7
6
0.180
0.78
68
D
591D686X_004D2_15H
2.7
6
0.140
1.04
100
D
591D107X_004D2_15H
4.0
8
0.130
1.07
100
R
591D107X_004R2_15H
4.0
8
0.110
1.22
150
C
591D157X_004C2_15H
6.0
8
0.150
0.86
150
R
591D157X_004R2_15H
6.0
8
0.100
1.28
220
D
591D227X_004D2_15H
8.8
8
0.100
1.22
220
C
591D227X_004C2_20H
8.8
8
0.075
1.21
330
D
591D337X_004D2_20H
13.2
8
0.060
1.53
330
C
591D337X_004C2_20H
13.2
8
0.070
1.25
470
R
591D477X_004R2_20H
18.8
8
0.045
1.97
470
C
591D477X_004C2_20H
18.8
10
0.070
1.25
470
D
591D477X_004D2_20H
18.8
10
0.060
1.52
680
D
591D687X_004D2_20H
27.2
12
0.085
1.28
680
R
591D687X_004R2_20H
27.2
12
0.045
1.97
1000
R
591D108X_004R2_20H
40.0
14
0.050
1.67
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
15
A
591D156X_6R3A2_15H
0.9
6
1.300
0.24
15
B
591D156X_6R3B2_15H
0.9
6
0.800
0.32
22
A
591D226X_6R3A2_13H
1.4
6
0.800
0.20
22
B
591D226X_6R3B2_15H
1.4
6
0.800
0.32
33
B
591D336X_6R3B2_15H
2.1
6
0.800
0.32
33
C
591D336X_6R3C2_15H
2.1
6
0.200
0.74
47
C
591D476X_6R3C2_15H
3.0
6
0.200
0.74
47
D
591D476X_6R3D2_15H
3.0
6
0.140
1.04
68
D
591D686X_6R3D2_15H
4.0
6
0.130
1.07
68
R
591D686X_6R3R2_15H
4.0
6
0.110
1.22
100
B
591D107X_6R3B2_15H
6.0
8
0.500
0.41
100
C
591D107X_6R3C2_15H
6.0
6
0.190
0.76
100
C
591D107X_6W3C2_15H
6.0
6
0.190
0.76
100
D
591D107X_6R3D2_15H
6.0
6
0.150
0.91
100
R
591D107X_6R3R2_15H
6.0
8
0.100
1.28
100
R
591D107X_6W3R2_15H
6.0
8
0.100
1.28
150
D
591D157X_6R3D2_15H
9.5
6
0.120
0.88
150
R
591D157X_6R3R2_15H
9.5
8
0.140
1.08
150
R
591D157X_6W3R2_15H
9.5
8
0.140
1.08
150
C
591D157X_6R3C2_20H
9.5
8
0.080
1.17
220
R
591D227X_6R3R2_15H
13.9
8
0.150
1.05
220
D
591D227X_6R3D2_20H
13.9
8
0.065
1.47
220
C
591D227X_6R3C2_20H
13.9
8
0.075
1.21
220
C
591D227X_6W3C2_20H
13.9
8
0.075
1.21
330
R
591D337X_6R3R2_20H
20.8
8
0.045
1.97
330
D
591D337X_6R3D2_20H
20.8
8
0.060
1.52


Similar Part No. - 591D336X_020D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D336X_020R2T VISHAY-591D336X_020R2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
More results

Similar Description - 591D336X_020D2_20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com