Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54CWPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT54CWPBF
Description  Schottky Diode, 2 x 0.1 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54CWPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT54CWPBF Datasheet HTML 1Page - Vishay Siliconix BAT54CWPBF Datasheet HTML 2Page - Vishay Siliconix BAT54CWPBF Datasheet HTML 3Page - Vishay Siliconix BAT54CWPBF Datasheet HTML 4Page - Vishay Siliconix BAT54CWPBF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 94270
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Sep-08
1
Schottky Diode, 2 x 0.1 A
BAT54CWPbF
Vishay High Power Products
FEATURES
• Small foot print, surface mountable
• Very low forward voltage drop
• Extremely fast switching speed for high
frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
This Schottky barrier diode is designed for high speed
switching
applications,
voltage
clamping
and
circuit
protection. Miniature surface mount packages with reduced
foot print are excellent for portable applications where space
is limited.
PRODUCT SUMMARY
IF(AV)
2 x 0.1 A
VR
30 V
SOT-323
2
1
3
(K)
(A)
(A)
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF
DC
0.2
A
VRRM
30
V
IFSM
tp = 10 ms sine
1.0
A
VF
30 mA DC, TJ = 25 °C
0.5
V
Pd
Power dissipation at TA = 25 °C
200
mW
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
BAT54CWPbF
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM
ABSOLUE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
DC
0.1
A
per device
0.2
Maximum peak one cycle
non-repetitive surge current
at TJ = 25 °C
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
8.4
10 ms sine or 6 ms rect. pulse
1.0
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - BAT54CWPBF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54CW PANJIT-BAT54CW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54CW CITC-BAT54CW Datasheet
156Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Vishay Siliconix
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
logo
Nexperia B.V. All right...
BAT54CW NEXPERIA-BAT54CW Datasheet
228Kb / 8P
   Schottky barrier diode
1 April 2023
logo
NXP Semiconductors
BAT54CW NXP-BAT54CW Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
More results

Similar Description - BAT54CWPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54APBF VISHAY-BAT54APBF Datasheet
79Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54CPBF VISHAY-BAT54CPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54C VISHAY-BAT54C Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54A VISHAY-BAT54A Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54S VISHAY-BAT54S Datasheet
75Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
BAT54SPBF VISHAY-BAT54SPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
BAT54AWPBF VISHAY-BAT54AWPBF Datasheet
73Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 19-Sep-08
BAT54SW VISHAY-BAT54SW Datasheet
76Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 22-Aug-08
BAT54AW VISHAY-BAT54AW Datasheet
71Kb / 5P
   Schottky Rectifier, 2 x 0.1 A
Revision: 20-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com