Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511D227M050DK4D Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 511D227M050DK4D
Description  Aluminum Capacitors General Purpose, Miniature, Radial Lead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

511D227M050DK4D Datasheet(HTML) 6 Page - Vishay Siliconix

  511D227M050DK4D Datasheet HTML 1Page - Vishay Siliconix 511D227M050DK4D Datasheet HTML 2Page - Vishay Siliconix 511D227M050DK4D Datasheet HTML 3Page - Vishay Siliconix 511D227M050DK4D Datasheet HTML 4Page - Vishay Siliconix 511D227M050DK4D Datasheet HTML 5Page - Vishay Siliconix 511D227M050DK4D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 511D227M050DK4D

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511D227M050DK4D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com