Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APD-128G064D Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. APD-128G064D
Description  Plasma Panel Display Modules 128 x 64 Graphics Display with Video Interface, DC Converter and Drive Circuitry
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

APD-128G064D Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 37055
Revision 05-Dec-00
www.vishay.com
2
APD-128G064D
Vishay Dale
Plasma Panel Display Modules
128 x 64 Graphics Display with Video Interface, DC Converter and Drive Circuitry
FEATURES
128 x 64 pixel array for bright and vivid graphics.
Video interface.
Powerful software commands make display integration
simple and efficient.
+ 8 to + 24 VDC display voltage.
OPTICAL SPECIFICATIONS
Pixel Pitch: 0.040.
Pixel Size: 0.020" [0.610] square.
Pixel Array: 128 x 64.
Luminance: 50 foot lamberts typical.
Color: Neon orange.
Refresh Cycle: 120 Hz typical.
Viewing Angle: 150
° cone.
Contrast Ratio: 30:1
ELECTROSTATIC CAUTION
Vishay Dale display panels use electrostatic sensitive
components. These assemblies should be unpacked and
handled in an ESD controlled area only. When shipping use
packing materials designed for protection of electrostatic
sensitive components.
Vishay Dale believes that the information described in this
publication is accurate and reliable, and much care has
been taken in its preparation. However, no responsibility,
financial or otherwise, is accepted for any consequences
arising out of the use of this information.
The APD-128G064D is a dot matrix graphic display with an
array of 128 x 64 pixels available. The module is composed
of a highly reliable DC plasma display, Video Interface, DC
converter and drive circuitry which are assembled to form a
rugged, slim profile display sub-system.
Interface to the APD-128G064D is through a video interface.
Patented open construction display technology assures a
stable, flicker free screen.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 20
°C to + 70°C.
Storage Temperature: - 40
°C to + 85°C.
Operating Humidity: 95% RH non-condensing.
Mechanical Shock: 30 G.
Vibration: 0.018" [0.457mm] displacement amplitude from
10-50Hz, 2 G acceleration from 50 to 2000Hz logarithmic
sweep rate.
Mean Time Between Failure: 60,000 hours.
DIMENSIONS in inches [millimeters]
128 X 64 Full Field
Mounting Holes
0.150 Dia. 4 Places
128 X 64 Full Field
Pixel Size: 0.020 Square
Pixel Pitch: 0.040
Ansiotropic Connectors
A
C
D
B
G
H
I
J
K
L
M
N
F
E
Pin 1 of P2
Pin 1 of P1
O
P
R
Q
T
U
S Component
Height
A
0.150 [3.81]
B
7.70 [195.58]
C
5.00 [127.00]
D
4.70 [119.38]
E
3.55 [90.17]
F
2.548 [64.72]
G
0.150 [3.81]
H
0.650 [16.51]
I
1.45 [36.83]
J
5.10 [129.54]
K
6.80 [172.72]
L
8.00 [203.20]
M
0.925 [23.50]
N
1.226 [31.14]
O
0.062 [1.57]
P
0.395 [10.03]
Q
0.040 [1.02]
R
0.020 [0.508]
S
0.970 [24.64]
T
0.020 [0.508]
U
0.040 [1.02]
STANDARD ELECTRICAL SPECIFICATIONS
SYMBOL
VDC
IDC
MIN.
8.0
0.15
TYP.
12.0
0.4
MAX.
28.0
1.5
UNITS
V
A
DESCRIPTION
Panel Supply Voltage
Panel Supply Current


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APD-128G064CPlasma Panel Display Modules 128 x 64 Graphics Display with ASCII Input Controller DC/DC Converter and Drive Circuitry 1 2 3 4 5 MoreVishay Siliconix
APD-128G064A-1Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics TTL Level Data Interface and DC to DC Converter 1 2 Vishay Siliconix
APD-016A070Plasma Panel Display Modules DC Character Module with Drive Electronics TTL Level Data Interface and Integrated DC Converter 1 2 3 Vishay Siliconix
APD-080M025-1Plasma Panel Display Modules 80 Character Display with Drive Electronics Controller and Serial Interface 1 2 3 Vishay Siliconix
APD-016M040Plasma Panel Display Modules 16 Character Display with Drive Electronics and Controller 1 2 3 Vishay Siliconix
MCP342516-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference 1 2 3 4 5 MoreMicrochip Technology
CAT5133_0816 Volt Digitally Programmable Potentiometer DPPTM with 128 Taps and an Increment Decrement Interface 1 2 3 4 5 MoreCatalyst Semiconductor
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
H83877612 Input / 9 Output Video Switch Matrix with Input Clamp Input Bias Circuitry and Output Drivers 1 2 3 4 5 MoreRenesas Technology Corp
TVP7002TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn