Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215842562E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL215842562E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215842562E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL215842562E3 Datasheet HTML 1Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 2Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 3Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 4Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 5Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 6Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 7Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 8Page - Vishay Siliconix MAL215842562E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375
6
Revision: 18-Aug-08
80
820
22 x 25
1.44
1.76
0.14
422
397
12821E3
52821E3
1200
22 x 30
1.82
2.22
0.20
291
274
12122E3
52122E3
1500
22 x 35
2.12
2.59
0.24
234
221
12152E3
52152E3
1500
25 x 30
2.10
2.56
0.24
240
228
22152E3
62152E3
1800
25 x 35
2.41
2.94
0.29
201
189
22182E3
62182E3
2200
25 x 40
2.74
3.34
0.36
166
156
22222E3
62222E3
2200
30 x 30
2.55
3.11
0.36
180
172
32222E3
72222E3
2700
30 x 35
2.93
3.57
0.44
147
141
32272E3
72272E3
3300
25 x 50
3.46
4.22
0.53
114
109
22332E3
62332E3
3900
30 x 40
3.39
4.14
0.63
110
106
32392E3
72392E3
4700
35 x 35
3.29
4.01
0.76
110
107
42472E3
82472E3
5600
35 x 40
3.69
4.50
0.90
93
90
42562E3
82562E3
6800
35 x 50
4.43
5.40
1.09
75
71
42682E3
82682E3
100
560
22 x 25
1.33
1.62
0.12
461
412
19561E3
59561E3
820
22 x 30
1.69
2.06
0.17
318
284
19821E3
59821E3
1000
22 x 35
1.95
2.38
0.20
261
234
19102E3
59102E3
1000
25 x 30
1.95
2.38
0.20
267
240
29102E3
69102E3
1200
25 x 35
2.23
2.72
0.24
223
200
29122E3
69122E3
1500
25 x 40
2.56
3.12
0.30
180
162
29152E3
69152E3
1800
30 x 30
2.49
3.04
0.36
172
158
39182E3
79182E3
2200
30 x 35
2.87
3.50
0.44
141
129
39222E3
79222E3
2700
30 x 40
3.24
3.95
0.54
117
108
39272E3
79272E3
3300
30 x 50
3.87
4.72
0.66
94
87
39332E3
79332E3
3300
35 x 35
3.19
3.89
0.66
115
107
49332E3
89332E3
3900
35 x 40
3.58
4.37
0.78
98
91
49392E3
89392E3
4700
35 x 50
4.29
5.23
0.94
78
73
49472E3
89472E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us = 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR + 4 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR + 4 µA
Inductance
Equivalent series inductance (ESL)
All case sizes
typ. 19 nH
max. 25 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105
°C
(A)
IR
10 kHz
105
°C
(A)
IL5
5 min
(mA)
MAX. ESR
100 Hz (1)
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2158.......
2-TERM.
3-TERM.


Similar Part No. - MAL215842562E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215842562E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com