Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D107X0010E2TE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 593D107X0010E2TE3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X0010E2TE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  593D107X0010E2TE3 Datasheet HTML 1Page - Vishay Siliconix 593D107X0010E2TE3 Datasheet HTML 2Page - Vishay Siliconix 593D107X0010E2TE3 Datasheet HTML 3Page - Vishay Siliconix 593D107X0010E2TE3 Datasheet HTML 4Page - Vishay Siliconix 593D107X0010E2TE3 Datasheet HTML 5Page - Vishay Siliconix 593D107X0010E2TE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 20-Oct-08
3
593D
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® , Molded Case, Low ESR
Vishay Sprague
Notes:
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C
15
A
593D156(1)004A2(2)
0.6
6
1.500
0.22
22
A
593D226(1)004A2(2)
0.9
6
1.500
0.22
33
A
593D336(1)004A2(2)
1.3
6
1.500
0.22
33
B
593D336(1)004B2(2)
1.3
6
0.500
0.41
47
A
593D476(1)004A2(2)
1.9
14
0.800
0.31
47
B
593D476(1)004B2(2)
1.9
6
0.500
0.41
68
B
593D686(1)004B2(2)
2.7
6
0.500
0.41
68
C
593D686(1)004C2(2)
2.7
6
0.275
0.63
100
B
593D107(1)004B2(2)
4.0
6
0.450
0.43
100
C
593D107(1)004C2(2)
4.0
6
0.225
0.66
150
B
593D157(1)004B2(2)
6.0
14
0.500
0.41
150
C
593D157(1)004C2(2)
6.0
8
0.250
0.66
150
D
593D157(1)004D2(2)
6.0
8
0.150
1.00
220
C
593D227(1)004C2(2)
8.8
8
0.200
0.74
220
D
593D227(1)004D2(2)
8.8
8
0.150
1.00
330
D
593D337(1)004D2(2)
13.2
8
0.150
1.00
470
D
593D477(1)004D2(2)
18.8
10
0.125
1.10
470
E
593D477(1)004E2(2)
18.8
10
0.100
1.28
680
E
593D687(1)004E2(2)
27.2
12
0.100
1.28
6.3 VDC AT + 85 °C, 4 VDC AT 125 °C
10
A
593D106(1)6R3A2(2)
0.6
6
2.000
0.19
15
A
593D156(1)6R3A2(2)
0.9
6
2.000
0.19
22
A
593D226(1)6R3A2(2)
1.3
6
2.000
0.19
22
B
593D226(1)6R3B2(2)
1.3
6
0.600
0.38
33
A
593D336(1)6R3A2(2)
2.0
14
0.800
0.31
33
B
593D336(1)6R3B2(2)
2.0
6
0.600
0.38
47
B
593D476(1)6R3B2(2)
2.8
6
0.550
0.39
47
C
593D476(1)6R3C2(2)
2.8
6
0.300
0.61
68
B
593D686(1)6R3B2(2)
4.1
6
0.550
0.39
68
C
593D686(1)6R3C2(2)
4.1
6
0.275
0.63
100
B
593D107(1)6R3B2(2)
6.0
15
0.500
0.41
100
C
593D107(1)6R3C2(2)
6.0
6
0.250
0.66
100
D
593D107(1)6R3D2(2)
6.0
6
0.140
1.04
150
C
593D157(1)6R3C2(2)
9.0
8
0.200
0.74
150
D
593D157(1)6R3D2(2)
9.0
8
0.125
1.10
150
E
593D157(1)6R3E2(2)
9.0
8
0.100
1.28
220
D
593D227(1)6R3D2(2)
13.2
8
0.100
1.22
220
E
593D227(1)6R3E2(2)
13.2
8
0.100
1.28
330
D
593D337(1)6R3D2(2)
19.8
8
0.125
1.10
330
E
593D337(1)6R3E2(2)
19.8
8
0.100
1.28
470
E
593D477(1)6R3E2(2)
28.2
10
0.100
1.28
10 VDC AT + 85 °C, 7 VDC AT 125 °C
4.7
A
593D475(1)010A2(2)
0.5
6
3.000
0.16
6.8
A
593D685(1)010A2(2)
0.7
6
3.000
0.16
10
A
593D106(1)010A2(2)
1.0
6
2.000
0.19
15
A
593D156(1)010A2(2)
1.5
6
2.000
0.19
15
B
593D156(1)010B2(2)
1.5
6
0.700
0.35
22
A
593D226(1)010A2(2)
2.2
8
1.500
0.22
22
B
593D226(1)010B2(2)
2.2
6
0.700
0.35
22
C
593D226(1)010C2(2)
2.2
6
0.345
0.56
33
B
593D336(1)010B2(2)
3.3
6
0.600
0.38
33
C
593D336(1)010C2(2)
3.3
6
0.300
0.61


Similar Part No. - 593D107X0010E2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X0010C VISHAY-593D107X0010C Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X0010D VISHAY-593D107X0010D Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X0010D2DE3 VISHAY-593D107X0010D2DE3 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D107X0010D2RE3 VISHAY-593D107X0010D2RE3 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D107X0010D2T VISHAY-593D107X0010D2T Datasheet
148Kb / 11P
   Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Revision 01-Mar-04
More results

Similar Description - 593D107X0010E2TE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D227X9010E2TE3 VISHAY-593D227X9010E2TE3 Datasheet
105Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com