Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550D227X0010S2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 550D227X0010S2
Description  Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D227X0010S2 Datasheet(HTML) 2 Page - Vishay Siliconix

  550D227X0010S2 Datasheet HTML 1Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 2Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 3Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 4Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 5Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 6Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 7Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 8Page - Vishay Siliconix 550D227X0010S2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 40017
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 28-Aug-08
2
550D
Solid-Electrolyte TANTALEX® Capacitors
for High Frequency Power Supplies
Vishay Sprague
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
CAP. TOL. ± 20 %
PART NUMBER (1)
CAP. TOL. ± 10 %
Max. DCL
at + 25 °C
(µA)
Max. DF
at + 25 °C
120 Hz (%)
Max. ESR
at + 25 °C
100 kHz (
Ω)
6 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
150
R
550D157X0006R2
550D157X9006R2
9
10
0.065
180
R
550D187X0006R2
550D187X9006R2
11
10
0.060
220
S
550D227X0006S2
550D227X9006S2
12
10
0.055
270
S
550D277X0006S2
550D277X9006S2
13
10
0.050
330
S
550D337X0006S2
550D337X9006S2
15
12
0.045
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 9 V
82
R
550D826X0010R2
550D826X9010R2
8
8
0.085
100
R
550D107X0010R2
550D107X9010R2
10
8
0.075
120
R
550D127X0010R2
550D127X9010R2
12
8
0.070
150
S
550D157X0010S2
550D157X9010S2
15
8
0.065
180
S
550D187X0010S2
550D187X9010S2
18
8
0.060
220
S
550D227X0010S2
550D227X9010S2
20
10
0.055
15 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
56
R
550D566X0015R2
550D566X9015R2
8
6
0.100
68
R
550D686X0015R2
550D686X9015R2
10
6
0.095
82
S
550D826X0015S2
550D826X9015S2
12
6
0.085
100
S
550D107X0015S2
550D107X9015S2
15
8
0.075
120
S
550D127X0015S2
550D127X9015S2
18
8
0.070
150
S
550D157X0015S2
550D157X9015S2
20
8
0.065
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
27
R
550D276X0020R2
550D276X9020R2
5
5
0.145
33
R
550D336X0020R2
550D336X9020R2
7
5
0.130
39
R
550D396X0020R2
550D396X9020R2
8
5
0.120
47
R
550D476X0020R2
550D476X9020R2
9
6
0.110
56
S
550D566X0020S2
550D566X9020S2
11
6
0.100
68
S
550D686X0020S2
550D686X9020S2
14
6
0.095
82
S
550D826X0020S2
550D826X9020S2
16
6
0.085
100
S
550D107X0020S2
550D107X9020S2
20
8
0.075
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
8.2
R
550D825X0035R2
550D825X9035R2
3
4
0.250
10
R
550D106X0035R2
550D106X9035R2
4
4
0.230
12
R
550D126X0035R2
550D126X9035R2
4
4
0.210
15
R
550D156X0035R2
550D156X9035R2
5
4
0.190
18
R
550D186X0035R2
550D186X9035R2
6
4
0.175
22
R
550D226X0035R2
550D226X9035R2
8
4
0.160
27
S
550D276X0035S2
550D276X9035S2
9
4
0.145
33
S
550D336X0035S2
550D336X9035S2
11
5
0.130
39
S
550D396X0035S2
550D396X9035S2
14
5
0.120
47
S
550D476X0035S2
550D476X9035S2
16
5
0.110
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 40 V
5.6
R
550D565X0050R2
550D565X9050R2
4
3
0.300
6.8
R
550D685X0050R2
550D685X9050R2
4
3
0.275
8.2
R
550D825X0050R2
550D825X9050R2
5
3
0.250
10.0
R
550D106X0050R2
550D106X9050R2
5
3
0.230
12.0
R
550D126X0050R2
550D126X9050R2
6
3
0.210
15.0
R
550D156X0050R2
550D156X9050R2
8
3
0.190
18.0
R
550D186X0050R2
550D186X9050R2
9
4
0.175
22.0
S
550D226X0050S2
550D226X9050S2
11
4
0.160
Note
(1) Insert capacitance tolerance code “X5”; for ± 5 % units (special order)


Similar Part No. - 550D227X0010S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D227X0010S2 VISHAY-550D227X0010S2 Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
More results

Similar Description - 550D227X0010S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D VISHAY-550D Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
logo
MERITEK ELECTRONICS COR...
TC105M35B MERITEK-TC105M35B Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com