Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591D226X_004B2_15H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 591D226X_004B2_15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D226X_004B2_15H Datasheet(HTML) 5 Page - Vishay Siliconix

  591D226X_004B2_15H Datasheet HTML 1Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 2Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 3Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 4Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 5Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 6Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 7Page - Vishay Siliconix 591D226X_004B2_15H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
101
591D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR,
Conformal Coated, Maximum CV
Vishay Sprague
Note:
* Preliminary values, contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to ”0”
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER*
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
68
D
591D686X_016D2_20H
10.9
6
0.080
1.32
68
C
591D686X_016C2_20H
10.9
6
0.100
1.05
100
D
591D107X_016D2_20H
16.0
8
0.075
1.37
150
R
591D157X_016R2_20H
24.0
8
0.060
1.71
220
R
591D227X_016R2_20H
35.2
10
0.075
1.53
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
4.7
A
591D475X_020A2_15H
0.9
6
1.900
0.18
4.7
B
591D475X_020B2_15H
0.9
6
1.600
0.22
6.8
B
591D685X_020B2_15H
1.4
6
1.600
0.22
6.8
C
591D685X_020C2_15H
1.4
6
0.400
0.52
10
B
591D106X_020B2_15H
2.0
6
1.500
0.23
10
D
591D106X_020D2_15H
2.0
6
0.270
0.75
15
C
591D156X_020C2_15H
3.0
6
0.300
0.60
15
R
591D156X_020R2_15H
3.0
6
0.180
0.91
22
D
591D226X_020D2_15H
4.4
6
0.200
0.87
22
R
591D226X_020R2_15H
4.4
6
0.140
1.09
22*
D*
591D226X_020D2_20H*
4.4*
6*
0.150*
0.90*
22*
C*
591D226X_020C2_20H*
4.4*
6*
0.375*
0.54*
33
R
591D336X_020R2_15H
6.6
6
0.140
1.08
33*
D*
591D336X_020D2_20H*
6.6*
6*
0.200*
0.73*
25 WVDC AT + 85 °C, SURGE = 33 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
2.2
A
591D225X_025A2_15H
0.6
6
5.000
0.11
2.2
B
591D225X_025B2_15H
0.6
6
3.800
0.15
3.3
B
591D335X_025B2_15H
0.8
6
3.700
0.15
3.3
C
591D335X_025C2_15H
0.8
6
1.000
0.32
4.7
C
591 D475X_025C2_15H
1.2
6
0.800
0.37
6.8
C
591D685X_025C2_15H
1.7
6
0.750
0.38
6.8
D
591D685X_025D2_15H
1.7
6
0.650
0.48
10
D
591D106X_025D2_15H
2.5
6
0.600
0.50
10
R
591D106X_025R2_15H
2.5
6
0.240
0.83
15
R
591D156X_025R2_15H
3.8
6
0.200
0.91
15*
C*
591D156X_025C2_20H*
3.8*
6*
0.250*
0.66*
22*
D*
591D226X_025D2_20H*
5.5*
6*
0.200*
0.84*
33*
D*
591D336X_025D2_20H*
6.0*
6*
0.200*
0.84*
68
R
591D686X_025R2_20H
17
8
0.175
1.00
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
1.0
A
591D105X_035A2_15H
0.5
4
5.000
0.11
1.0
B
591D105X_035B2_15H
0.5
4
4.400
0.13
2.2
B
591D225X_035B2_15H
0.8
6
4.000
0.14
2.2
C
591D225X_035C2_15H
0.8
6
2.000
0.22
3.3
B
591D335X_035B2_15H
1.2
6
3.500
0.15
3.3
C
591D335X_035C2_15H
1.2
6
1.900
0.23
3.3
D
591D335X_035D2_15H
1.2
6
1.500
0.32
4.7
B
591D475X_035B2_15H
1.6
6
0.800
0.32
4.7
R
591D475X_035R2_15H
1.6
6
0.750
0.47
6.8
D
591D685X_035D2_15H
2.4
6
0.950
0.40
6.8
R
591D685X_035R2_15H
2.4
6
0.750
0.47
10
R
591D106X_035R2_15H
3.5
6
0.600
0.52


Similar Part No. - 591D226X_004B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D226X_004B2T VISHAY-591D226X_004B2T Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
More results

Similar Description - 591D226X_004B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com