Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFR120T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHFR120T
Description  IRFR120
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFR120T Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHFR120T Datasheet HTML 1Page - Vishay Siliconix SIHFR120T Datasheet HTML 2Page - Vishay Siliconix SIHFR120T Datasheet HTML 3Page - Vishay Siliconix SIHFR120T Datasheet HTML 4Page - Vishay Siliconix SIHFR120T Datasheet HTML 5Page - Vishay Siliconix SIHFR120T Datasheet HTML 6Page - Vishay Siliconix SIHFR120T Datasheet HTML 7Page - Vishay Siliconix SIHFR120T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91266
www.vishay.com
S-Pending-Rev. A, 21-Jul-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFR120, IRFU120, SiHFR120, SiHFU120
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Surface Mount (IRFR120/SiHFR120)
• Straight Lead (IRFU120/SiHFU120)
• Available in Tape and Reel
• Fast Switching
• Ease of Paralleling
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU/SiHFU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface mount applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
100
RDS(on) (Ω)VGS = 10 V
0.27
Qg (Max.) (nC)
16
Qgs (nC)
4.4
Qgd (nC)
7.7
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR120PbF
IRFR120TRPbFa
IRFR120TRRPbFa
IRFR120TRLPbFa
IRFU120PbF
SiHFR120-E3
SiHFR120T-E3a
SiHFR120TR-E3a
SiHFR120TL-E3a
SiHFU120-E3
SnPb
IRFR120
IRFR120TRa
IRFR120TRRa
IRFR120TRLa
IRFU120
SiHFR120
SiHFR120Ta
SiHFR120TRa
SiHFR120TLa
SiHFU120
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
7.7
A
TC = 100 °C
4.9
Pulsed Drain Currenta
IDM
31
Linear Derating Factor
0.33
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
210
mJ
Repetitive Avalanche Currenta
IAR
7.7
A
Repetitive Avalanche Energya
EAR
4.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
42
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
5.5
V/ns
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFR120T

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SIHFR120T KERSEMI-SIHFR120T Datasheet
4Mb / 7P
   Power MOSFET
SIHFR120T-E3 KERSEMI-SIHFR120T-E3 Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
SIHFR120TL VISHAY-SIHFR120TL Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
SIHFR120TL KERSEMI-SIHFR120TL Datasheet
4Mb / 7P
   Power MOSFET
SIHFR120TL KERSEMI-SIHFR120TL Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com