Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7402 Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7402
Description  CARRADIO SIGNAL PROCESSOR
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 38Page - STMicroelectronics TDA7402 Datasheet HTML 39Page - STMicroelectronics TDA7402 Datasheet HTML 40Page - STMicroelectronics TDA7402 Datasheet HTML 41Page - STMicroelectronics TDA7402 Datasheet HTML 42Page - STMicroelectronics TDA7402 Datasheet HTML 43Page - STMicroelectronics TDA7402 Datasheet HTML 44Page - STMicroelectronics TDA7402 Datasheet HTML 45Page - STMicroelectronics TDA7402 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
TDA7402
42/59
9.6 DATA BYTE SPECIFICATION
The status after Power-On-Reset is marked bold-face / underlined in the programming tables.
9.6.1 Main Selector (0)
9.6.2 Main Loudness (1)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Source Selector
FD1 / SE2
SE3
FD2
SE1
MD2
MD1 / SE4
Stereodecoder
AM
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Inpu t Gain
0dB
1dB
:
14dB
15dB
0
1
Mute
off
on
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
:
1
:
0
0
:
1
1
:
0
:
0
0
:
1
1
:
0
:
0
0
:
1
1
:
1
:
0
1
:
0
1
:
1
:
Attenuation
0dB
-1 dB
:
-14 dB
-15 dB
:
-19 dB
not allowed
0
0
1
1
0
1
0
1
Center Frequency
200Hz
400Hz
600Hz
800Hz
0
1
Loud ness Order
First Order
Second Order


Similar Part No. - TDA7402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
More results

Similar Description - TDA7402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
   CARRADIO SIGNAL PROCESSOR
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
379Kb / 26P
   CARRADIO-SIGNAL-PROCESSOR
TDA7409 STMICROELECTRONICS-TDA7409 Datasheet
296Kb / 25P
   CARRADIO-SIGNAL-PROCESSOR
TDA7405 STMICROELECTRONICS-TDA7405 Datasheet
815Kb / 56P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
October 2001
TDA7405 STMICROELECTRONICS-TDA7405_04 Datasheet
696Kb / 57P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
   LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
TMS320F28044 TI-TMS320F28044_07 Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com