Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

292D Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 292D
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

292D Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 40042
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 05-Mar-08
37
292D
Solid Tantalum Chip Capacitors,
TANTAMOUNT® Lead Frameless Molded
Vishay Sprague
CAPACITORS PERFORMANCE CHARACTERISTICS
Notes:
• At + 25 °C, the leakage current shall not exceed the value listed in the Standard Ratings Table
• At + 85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings Table
• At + 125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings Table
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category Temperature Range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance Tolerance
± 20 %, ± 10 % (at 120 Hz) 2 Vrms at + 25 °C using a capacitance bridge
Dissipation Factor (at 120 Hz)
Limits per Standard Ratings Table. Tested via bridge method, at 25 °C, 120 Hz.
ESR (100 kHz)
Limits per Standard Ratings Table. Tested via bridge method, at 25 °C, 100 kHz.
Leakage Current
After application of rated voltage applied to capacitors for 5 minutes using a steady source of power with
1 k
Ω resistor in series with the capacitor under test, leakage current at 25 °C is not more than described in.
See graph below for the appropriate adjustment factor.
Reverse Voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to: 10 % of the DC
5 % of the DC rating at + 85 °C
Vishay does not recommended intentional or repetitive application of reverse voltage
Temperature Derating
If capacitors are to be used at temperatures above + 25 °C, the permissible rms ripple current or voltage
1.0 at + 25 °C
0.9 at + 85 °C
0.4 at + 125 °C
Maximum Permissible Power
Dissipation at 25 °C
(W) in free air
P- + R-case: 0.025
Operating Temperature
+ 85 °C RATING
+ 125 °C RATING
WORKING VOLTAGE
SURGE VOLTAGE
WORKING VOLTAGE
SURGE VOLTAGE
4
5.2
2.7
3.4
6.3
8
4
5
10
13
7
8
16
20
10
12
20
26
13
16
25
32
17
20
35
46
23
28
50
65
33
40
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
010
40
70
8090
60
50
20
30
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
0 °C
- 55 °C
PERCENT OF RATED VOLTAGE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn