Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILD610 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. ILD610
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD610 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILD610_08 Datasheet HTML 1Page - Vishay Siliconix ILD610_08 Datasheet HTML 2Page - Vishay Siliconix ILD610_08 Datasheet HTML 3Page - Vishay Siliconix ILD610_08 Datasheet HTML 4Page - Vishay Siliconix ILD610_08 Datasheet HTML 5Page - Vishay Siliconix ILD610_08 Datasheet HTML 6Page - Vishay Siliconix ILD610_08 Datasheet HTML 7Page - Vishay Siliconix ILD610_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83651
4
Rev. 1.8, 09-Jan-08
ILD610
Vishay Semiconductors
Optocoupler, Phototransistor
Output, Dual Channel
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
iilct6_01
IF - Forward Current (mA)
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
Tamb = - 55 °C
Tamb = 25 °C
Tamb = 85 °C
iilct6_02
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
Tamb = 25 °C
CTRCE(sat) VCE = 0.4 V
iilct6_03
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA, TA = 25 °C
TA = 50 °C
CTRce(sat)VCE = 0.4 V
iilct6_04
100
10
1
0.1
0.0
0.5
1.0
1.5
I
F - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V,IF = 10 mA
Tamb = 25 °C
CTRCE(sat) VCE = 0.4 V
T
amb= 70 °C
iilct6_05
0.1
1
10
100
1.5
1.0
0.5
0.0
I
F - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
V
CE = 10 V,IF = 10 mA, Tamb = 25 °C
CTRCE(sat) VCE = 0.4 V
T
amb = 85 °C
iilct6_06
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
IF - LED Current (mA)
25 °C
40


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn