Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215885333E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215885333E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215885333E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215885333E3 Datasheet HTML 1Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 2Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 3Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 4Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 5Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 6Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 7Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 8Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375
2
Revision: 18-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
2700
-
-
-
22 x 35
-
-
30 x 40
-
-
-
25 x 30
25 x 35
30 x 35
-
3300
-
22 x 25
22 x 30
-
25 x 40
25 x 50
30 x 50
-
-
-
25 x 35
30 x 30
-
35 x 35
3900
-
-
22 x 35
22 x 45
-
30 x 40
35 x 40
-
-
25 x 30
25 x 40
30 x 35
-
-
4700
-
22 x 30
22 x 40
-
30 x 40
35 x 35
35 x 50
-
-
-
30 x 30
-
-
-
5600
22 x 25
-
-
25 x 50
-
35 x 40
-
-
-
25 x 35
30 x 35
35 x 35
-
-
6800
-
22 x 35
-
30 x 40
30 x 50
35 x 50
-
-
25 x 30
30 x 30
-
35 x 40
-
-
8200
22 x 30
22 x 40
25 x 50
-
35 x 45
-
-
-
25 x 35
30 x 35
35 x 35
-
-
-
10 000
22 x 35
25 x 40
30 x 40
35 x 40
35 x 50
-
-
25 x 30
30 x 30
35 x 30
-
-
-
-
12 000
22 x 40
-
-
35 x 45
-
-
-
25 x 35
30 x 35
35 x 35
-
-
-
-
15 000
25 x 40
30 x 40
35 x 45
----
18 000
--
35 x 50
----
30 x 35
35 x 35
----
-
22 000
30 x 40
30 x 50
-----
27 000
-
35 x 45
-----
35 x 35
-----
-
33 000
30 x 50
35 x 50
-----
35 x 40
-----
-
39 000
35 x 45
------
47 000
35 x 50
------
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D X L in mm)
CR
(µF)
UR (V)
16
25
40
50
63
80
100
TWO TERMINAL SNAP-IN
+ TERMINAL
- TERMINAL
Ø D
L
+ 2 max.
L
Bottom view
5.8
mm
+ 0
- 1
The minus terminal can be marked with a black dot or with an
imprinted ‘
−’sign.
Fig.2 Two terminal snap-in
Fig.3 Mounting hole diagram
Ø 2 ± 0.1 (2 x)
10 ± 0.1


Similar Part No. - MAL215885333E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215885333E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com