Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215885333E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL215885333E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215885333E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL215885333E3 Datasheet HTML 1Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 2Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 3Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 4Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 5Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 6Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 7Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 8Page - Vishay Siliconix MAL215885333E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 28375
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
5
158 PUL-SI
Aluminum Capacitors
Power Ultra Long Life Snap-In
Vishay BCcomponents
40
2200
22 x 25
2.17
2.65
0.18
131
100
17222E3
57222E3
3300
22 x 30
2.73
3.33
0.27
91
70
17332E3
57332E3
3900
22 x 35
3.12
3.81
0.32
77
59
17392E3
57392E3
3900
25 x 30
3.02
3.68
0.32
83
65
27392E3
67392E3
4700
22 x 40
3.52
4.29
0.38
65
51
17472E3
57472E3
5600
25 x 35
3.53
4.31
0.45
63
51
27562E3
67562E3
6800
30 x 30
3.39
4.14
0.55
69
56
37682E3
77682E3
8200
25 x 50
4.72
5.76
0.66
44
36
27822E3
67822E3
8200
30 x 35
3.90
4.76
0.66
57
47
37822E3
77822E3
10 000
30 x 40
4.36
5.32
0.80
48
40
37103E3
77103E3
12 000
35 x 35
4.00
4.88
0.96
56
45
47123E3
87123E3
15 000
35 x 45
4.99
6.09
1.20
42
35
47153E3
87153E3
18 000
35 x 50
5.36
6.54
1.44
38
31
47183E3
87183E3
50
1500
22 x 25
1.99
2.43
0.15
148
102
11152E3
51152E3
2200
22 x 30
2.50
3.05
0.22
104
73
11222E3
51222E3
2700
22 x 35
2.88
3.51
0.27
85
60
11272E3
51272E3
2700
25 x 30
2.81
3.43
0.27
91
66
21272E3
61272E3
3300
22 x 40
3.27
3.99
0.33
71
51
11332E3
51332E3
3300
25 x 35
3.23
3.94
0.33
75
55
21332E3
61332E3
3900
25 x 40
3.62
4.42
0.39
64
47
21392E3
61392E3
4700
30 x 30
3.24
3.95
0.47
74
57
31472E3
71472E3
5600
25 x 50
4.43
5.40
0.56
48
36
21562E3
61562E3
5600
30 x 35
3.73
4.55
0.56
61
47
31562E3
71562E3
6800
30 x 40
4.17
5.09
0.68
52
41
31682E3
71682E3
8200
35 x 35
3.88
4.73
0.82
61
46
41822E3
81822E3
10 000
35 x 40
4.33
5.28
1.00
52
40
41103E3
81103E3
12 000
35 x 45
4.72
5.76
1.20
46
35
41123E3
81123E3
63
1200
22 x 25
2.07
2.53
0.16
137
100
18122E3
58122E3
1500
22 x 30
2.49
3.04
0.19
107
78
18152E3
58152E3
2200
22 x 35
3.00
3.66
0.26
79
58
18222E3
58222E3
2200
25 x 30
2.90
3.54
0.28
85
64
28222E3
68222E3
2700
25 x 35
3.34
4.07
0.34
70
53
28272E3
68272E3
3300
25 x 40
3.76
4.59
0.42
59
45
28332E3
68332E3
3300
30 x 30
3.28
4.00
0.42
74
58
38332E3
78332E3
3900
30 x 35
3.77
4.60
0.50
61
48
38392E3
78392E3
4700
30 x 40
4.22
5.15
0.60
52
41
38472E3
78472E3
5600
35 x 35
3.97
4.84
0.71
59
47
48562E3
88562E3
6800
30 x 50
5.04
6.15
0.86
40
33
38682E3
78682E3
6800
35 x 40
4.42
5.39
0.86
51
40
48682E3
88682E3
8200
35 x 45
4.82
5.88
1.04
45
35
48822E3
88822E3
10 000
35 x 50
5.17
6.31
1.26
40
32
48102E3
88102E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105
°C
(A)
IR
10 kHz
105
°C
(A)
IL5
5 min
(mA)
MAX. ESR
100 Hz (1)
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2158.......
2-TERM.
3-TERM.


Similar Part No. - MAL215885333E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215885333E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com