Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220CNQ030PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 220CNQ030PBF
Description  Schottky Rectifier, 220 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

220CNQ030PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  220CNQ030PBF Datasheet HTML 1Page - Vishay Siliconix 220CNQ030PBF Datasheet HTML 2Page - Vishay Siliconix 220CNQ030PBF Datasheet HTML 3Page - Vishay Siliconix 220CNQ030PBF Datasheet HTML 4Page - Vishay Siliconix 220CNQ030PBF Datasheet HTML 5Page - Vishay Siliconix 220CNQ030PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94169
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 28-Apr-08
5
220CNQ030PbF
Schottky Rectifier, 220 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Average current rating (x 10)
2
-
Product silicon identification
3
-
C = Circuit configuration
4
-
N = Not isolated
5
-
Q = Schottky rectifier diode
6
-
Voltage rating (30 V)
7
-
Lead (Pb)-free
Device code
5
13
24
67
22
0
C
N
Q
030 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95021


Similar Part No. - 220CNQ030PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
220CNQ030 IRF-220CNQ030 Datasheet
47Kb / 4P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
220CNQ030 MICROSEMI-220CNQ030 Datasheet
123Kb / 2P
   Schottky Powermod
logo
Sangdest Microelectroni...
220CNQ030 SMC-220CNQ030 Datasheet
208Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 220CNQ030PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS220 VISHAY-VSKCS220 Datasheet
160Kb / 6P
   Schottky Rectifier, 220 A
Revision: 23-Apr-08
VSKDS440 VISHAY-VSKDS440 Datasheet
158Kb / 6P
   Schottky Rectifier, 220 A
Revision: 25-Apr-08
VS-220CNQ030PBF VISHAY-VS-220CNQ030PBF_V01 Datasheet
150Kb / 6P
   High Performance Schottky Rectifier, 220 A
01-Jan-2022
VS-VSKDS440 VISHAY-VS-VSKDS440 Datasheet
145Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
Revision: 19-Mar-14
VSKDS440 VISHAY-VSKDS440_09 Datasheet
143Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 05-Aug-09
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
926Kb / 7P
   ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
Revision: 28-Sep-15
logo
Vicor Corporation
02838 VICOR-02838 Datasheet
15Kb / 1P
   TO-220 DUAL SCHOTTKY 35V RECTIFIER
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_V01 Datasheet
185Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
01-Jan-2022
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
   AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
Revision: 03-May-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com