Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215369229E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215369229E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215369229E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215369229E3 Datasheet HTML 1Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 2Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 3Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 4Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 5Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 6Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 7Page - Vishay Siliconix MAL215369229E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28302
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 16-May-08
3
153 CLV
Aluminum Capacitors
SMD (Chip) Long Life Vertical
Vishay BCcomponents
Table 2
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print layout
and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig.3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
soldering pad during processing.
For maximum conditions refer to Fig.4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION
SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE
GOOD
SOLDERING
CONNECTIONS.
HOWEVER,
THE
SPECIFIED
MAXIMUM
CURVES
SHOULD
NEVER
BE
EXCEEDED.
Table 3
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
L xWxH
CASE
CODE
Lmax.
Wmax.
Hmax.
Ø D
Bmax.
SC
MASS
(g)
4.0 x 4.0 x 5.3
0405
4.5
4.5
5.5
4.0
0.8
1.0
2.0 ± 0.2
≈ 0.13
5.0 x 5.0 x 5.3
0505
5.5
5.5
5.5
5.0
0.8
1.4
2.3 ± 0.2
≈ 0.20
6.3 x 6.3 x 5.3
0605
6.8
6.8
5.5
6.3
0.8
2.0
2.7 ± 0.2
≈ 0.30
8.0 x 8.0 x 6.5
0807
8.6
8.6
6.8
8.0
0.8
2.3
3.4 ± 0.2
≈ 0.50
8.0 x 8.0 x 10
0810
8.6
8.6
10.5
8.0
1.1
3.1
3.0 ± 0.2
≈ 1.00
10 x 10 x 10
1010
10.6
10.6
10.5
10.0
1.1
4.7
3.3 ± 0.2
≈ 1.30
10 x 10 x 12
1012
10.6
10.6
12.3
10.0
1.2
4.5
3.9 ± 0.2
≈ 1.40
10 x 10 x 14
1014
10.6
10.6
14.3
10.0
1.2
4.5
3.9 ± 0.2
≈ 1.50
0.4 ± 0.2
W B
CS
L
C
0.3 max.
Fig. 2 Dimensional outline
Fig.3 Recommended solder pad dimensions
RECOMMENDED SOLDERING PAD
DIMENSIONS in millimeters
CASE CODE
a
b
c
0405
2.6
1.6
1.0
0505
3.0
1.6
1.4
0605
3.5
1.6
1.9
0807
4.0
1.6
2.1
0810
3.5
2.5
3.0
1010
4.0
2.5
4.0
1012
4.3
2.5
4.0
1014
4.3
2.5
4.0
280
260
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
Fig.4 Maximum temperature load during infrared reflow
soldering measured on the soldering pad
t (s)
T
PAD
(°C)


Similar Part No. - MAL215369229E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215370109E3 VISHAY-MAL215370109E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370221E3 VISHAY-MAL215370221E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370229E3 VISHAY-MAL215370229E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370339E3 VISHAY-MAL215370339E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370478E3 VISHAY-MAL215370478E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
More results

Similar Description - MAL215369229E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CRV VISHAY-153CRV_08 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com