Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL4116-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL4116-X009
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4116-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL4116-X009 Datasheet HTML 1Page - Vishay Siliconix IL4116-X009 Datasheet HTML 2Page - Vishay Siliconix IL4116-X009 Datasheet HTML 3Page - Vishay Siliconix IL4116-X009 Datasheet HTML 4Page - Vishay Siliconix IL4116-X009 Datasheet HTML 5Page - Vishay Siliconix IL4116-X009 Datasheet HTML 6Page - Vishay Siliconix IL4116-X009 Datasheet HTML 7Page - Vishay Siliconix IL4116-X009 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 83628
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 09-Jan-08
5
IL4116/IL4117/IL4118
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Very Low
Input Current
Vishay Semiconductors
Power Factor Considerations
A snubber isn’t needed to eliminate false operation of the
TRIAC driver because of the IL4116/IL4117/IL4118 high
static and commutating dV/dt with loads between 1 and 0.8
power factors. When inductive loads with power factors less
than 0.8 are being driven, include an RC snubber or a single
capacitor directly across the device to damp the peak
commutating dV/dt spike. Normally a commutating dV/dt
causes a turning-off device to stay on due to the stored
energy remaining in the turn-off device.
But in the case of a zero voltage crossing optotriac, the
commutating dV/dt spikes can inhibit one half of the TRIAC
from turning on. If the spike potential exceeds the inhibit
voltage of the zero cross detection circuit, half of the TRIAC
will be held-off and not turn-on. This hold-off condition can be
eliminated by using a snubber or capacitor placed directly
across the optotriac as shown in Figure 7. Note that the value
of the capacitor increases as a function of the load current.
The hold-off condition also can be eliminated by providing a
higher level of LED drive current. The higher LED drive
provides
a
larger
photocurrent
which
causes.
The
phototransistor to turn-on before the commutating spike has
activated the zero cross network. Figure 8 shows the
relationship of the LED drive for power factors of less than
1.0. The curve shows that if a device requires 1.5 mA for a
resistive load, then 1.8 times (2.7 mA) that amount would be
required to control an inductive load whose power factor is
less than 0.3.
Fig. 7 - Shunt Capacitance vs. Load Current vs. Power Factor
Fig. 8 - Normalized LED Trigger Current
iil4116_07
400
350
300
250
200
150
100
50
0
I - Load Current (mA)
L
0.001
0.01
0.1
1
C (µF) = 0.0032 (µF) x 10 ^ (0.0066 I (mA))
S
L
PF = 0.3
IF = 2.0 mA
iil4116_08
1.2
1.0
0.8
0.6
0.4
0.2
0
PF - Power Factor
0.8
1.2
1.6
2.0
1.0
1.4
1.8
I
Normalized to I
at PF = 1.0
Fth
Fth


Similar Part No. - IL4116-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4116-X009T VISHAY-IL4116-X009T Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results

Similar Description - IL4116-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com