Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL4116-X006 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL4116-X006
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4116-X006 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL4116-X006 Datasheet HTML 1Page - Vishay Siliconix IL4116-X006 Datasheet HTML 2Page - Vishay Siliconix IL4116-X006 Datasheet HTML 3Page - Vishay Siliconix IL4116-X006 Datasheet HTML 4Page - Vishay Siliconix IL4116-X006 Datasheet HTML 5Page - Vishay Siliconix IL4116-X006 Datasheet HTML 6Page - Vishay Siliconix IL4116-X006 Datasheet HTML 7Page - Vishay Siliconix IL4116-X006 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83628
2
Rev. 1.6, 09-Jan-08
IL4116/IL4117/IL4118
Vishay Semiconductors
Optocoupler, Phototriac Output,
Zero Crossing, High dV/dt, Very Low
Input Current
Note
For additional information on the available options refer to option information.
Notes
(1) Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
IL4118-X007
800 V VDRM, SMD-6 (option 7)
IL4118-X009
800 V VDRM, SMD-6 (option 9)
ORDER INFORMATION
PART
REMARKS
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
Thermal resistance
Rth
750
°C/W
OUTPUT
Peak off-state voltage
IL4116
VDRM
600
V
IL4117
VDRM
700
V
IL4118
VDRM
800
V
RMS on-state current
IDRM
300
mA
Single cycle surge
3.0
A
Power dissipation
Pdiss
500
mW
Derate linearly from 25 °C
6.6
mW/°C
Thermal resistance
Rth
150
°C/W
COUPLER
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Isolation test voltage
VIO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Lead soldering temperature (2)
5 s
Tsld
260
°C


Similar Part No. - IL4116-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4116-X007T VISHAY-IL4116-X007T Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
IL4116-X009T VISHAY-IL4116-X009T Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results

Similar Description - IL4116-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com