Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180RKI40 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 180RKI40
Description  Phase Control Thyristors (Stud Version), 180 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

180RKI40 Datasheet(HTML) 5 Page - Vishay Siliconix

  180RKI40 Datasheet HTML 1Page - Vishay Siliconix 180RKI40 Datasheet HTML 2Page - Vishay Siliconix 180RKI40 Datasheet HTML 3Page - Vishay Siliconix 180RKI40 Datasheet HTML 4Page - Vishay Siliconix 180RKI40 Datasheet HTML 5Page - Vishay Siliconix 180RKI40 Datasheet HTML 6Page - Vishay Siliconix 180RKI40 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93699
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 05-Jun-08
5
180/181RKI Series
Phase Control Thyristors
(Stud Version), 180 A
Vishay High Power Products
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
1500
2000
2500
3000
3500
4000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
181RKI Series
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
RRM
J
181RKI Series
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained .
Rated V
Reapplied
100
1000
10000
0.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
181RKI Series
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
181RKI Series
Steady State Value
R
= 0.15 K/W
(DC Operation)
thJC


Similar Part No. - 180RKI40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
180RKI40 IRF-180RKI40 Datasheet
137Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
180RKI40 VISHAY-180RKI40 Datasheet
205Kb / 9P
   Phase Control Thyristors
Revision: 05-Jun-08
180RKI40PBF VISHAY-180RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
180RKI40PBF VISHAY-180RKI40PBF_09 Datasheet
156Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 03-Nov-09
More results

Similar Description - 180RKI40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
180RKI40PBF VISHAY-180RKI40PBF_09 Datasheet
156Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 03-Nov-09
180RKI40PBF VISHAY-180RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
VS-180RKIPBF VISHAY-VS-180RKIPBF Datasheet
181Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 26-Sep-17
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com