Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215297335E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL215297335E3
Description  Aluminum Capacitors Radial Miniature, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215297335E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL215297335E3 Datasheet HTML 1Page - Vishay Siliconix MAL215297335E3 Datasheet HTML 2Page - Vishay Siliconix MAL215297335E3 Datasheet HTML 3Page - Vishay Siliconix MAL215297335E3 Datasheet HTML 4Page - Vishay Siliconix MAL215297335E3 Datasheet HTML 5Page - Vishay Siliconix MAL215297335E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 28320
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-May-08
125
Aluminum Capacitors
Radial Miniature, High Voltage
152 RMH
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
insulated with a blue vinyl sleeve
• Pressure relief
• Charge and discharge proof
• Miniaturized, ultra high CV-product per unit volume
• Long useful life:
3000 to 4000 h at 105 °C, high reliability
• Lead (Pb)-Free versions are RoHS compliant
APPLICATIONS
• High-reliability and professional applications
• Lighting,
monitors,
consumer
electronics,
general
industrial
Filtering of high voltages in power supplies
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance value (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (152)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
1.0 to 220 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
200 to 450 V
Category temperature range
- 40 to + 105 °C
Endurance test at 105 °C
2000 hours
Useful life at 105 °C:
Case Ø D = 10 and 12.5 mm
3000 hours
Case Ø D = 16 and 18 mm
4000 hours
Useful life at 40 °C, 1.6 x IR applied:
Case Ø D = 10 and 12.5 mm
200 000 hours
Case Ø D = 16 and 18 mm
260 000 hours
Shelf life at 0 V, 105 °C
1000 hours
Based on sectional specification
IEC 60384-4/EN 130300
Climatic category IEC 60068
40/105/56
Fig.1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
450
1.0
-
-
-
10 x 12
2.2
-
-
10 x 12
10 x 16
4.7
-
-
10 x 16
10 x 20
-
-
10 x 12
-
6.8
-
-
10 x 16
12.5 x 20
10
10 x 12
10 x 16
10 x 20
12.5 x 20
22
10 x 16
12.5 x 20
12.5 x 25
16 x 25
-
-
16 x 20
18 x 20
33
10 x 20
12.5 x 20
16 x 20
16 x 35
---
18 x 25
47
12.5 x 20
12.5 x 25
16 x 25
18 x 35
-
16 x 20
-
-
68
12.5 x 25
-
16 x 35
-
100
16 x 20
16 x 25
18 x 35
-
220
16 x 35
-
-
-


Similar Part No. - MAL215297335E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215297335E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
   Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
Revision: 17-Mar-17
152RMH VISHAY-152RMH_V01 Datasheet
105Kb / 6P
   Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
01-Jan-2023
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
Revision: 06-Oct-16
140RTM VISHAY-140RTM_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
01-Jan-2023
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com