Electronic Components Datasheet Search |
|
PSD913G2V-A-70B81I Datasheet(PDF) 10 Page - STMicroelectronics |
|
PSD913G2V-A-70B81I Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 94 page PSD9XX Family Preliminary Information 6 PSD9XX devices contain several major functional blocks. Figure 1 shows the architecture of the PSD9XX device family. The functions of each block are described briefly in the following sections. Many of the blocks perform multiple functions and are user configurable. 5.1 Memory The PSD9XX contains the following memories: • A 1 or 2 Mbit Flash • A secondary 256 Kbit Flash memory • 16, 64 or 256 Kbit SRAM. Each of the memories is briefly discussed in the following paragraphs. A more detailed discussion can be found in section 9. The 1 or 2 Mbit Flash is the main memory of the PSD9XX. It is divided into eight equally-sized sectors that are individually selectable. The 256 Kbit secondary Flash memory is divided into four equally-sized sectors. Each sector is individually selectable. This memory can hold boot code or data. The SRAM is intended for use as a scratchpad memory or as an extension to the microcontroller SRAM. If an external battery is connected to the PSD9XX’s Vstby pin, data will be retained in the event of a power failure. Each block of memory can be located in a different address space as defined by the user. The access times for all memory types includes the address latching and DPLD decoding time. 5.2 Page Register The eight-bit Page Register expands the address range of the microcontroller by up to 256 times.The paged address can be used as part of the address space to access external memory and peripherals or internal memory and I/O. The Page Register can also be used to change the address mapping of blocks of Flash memory into different memory spaces IAP. 5.3 PLDs The device contains two combinatorial PLD blocks, each optimized for a different function, as shown in Table 2. The functional partitioning of the PLDs reduces power consumption, optimizes cost/performance, and eases design entry. The Decode PLD (DPLD) is used to decode addresses and generate chip selects for the PSD9XX internal memory and registers. The General Purpose PLD (GPLD) can implement user-defined external chip selects and logic functions. The PLDs receive their inputs from the PLD Input Bus and are differentiated by their output destinations, number of Product Terms. The PLDs consume minimal power by using Zero-Power design techniques. The speed and power consumption of the PLD is controlled by the Turbo Bit in the PMMR0 register and other bits in the PMMR2 registers. These registers are set by the microcontroller at runtime. There is a slight penalty to PLD propagation time when invoking the non-Turbo bit. 5.0 PSD9XX Architectural Overview Name Abbreviation Inputs Outputs Product Terms Decode PLD DPLD 57 15 39 General Purpose PLD GPLD 57 19 114 Table 2. PLD I/O Table |
Similar Part No. - PSD913G2V-A-70B81I |
|
Similar Description - PSD913G2V-A-70B81I |