Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL31 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IL31
Description  Optocoupler, Photodarlington Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL31 Datasheet(HTML) 7 Page - Vishay Siliconix

  IL31 Datasheet HTML 1Page - Vishay Siliconix IL31 Datasheet HTML 2Page - Vishay Siliconix IL31 Datasheet HTML 3Page - Vishay Siliconix IL31 Datasheet HTML 4Page - Vishay Siliconix IL31 Datasheet HTML 5Page - Vishay Siliconix IL31 Datasheet HTML 6Page - Vishay Siliconix IL31 Datasheet HTML 7Page - Vishay Siliconix IL31 Datasheet HTML 8Page - Vishay Siliconix IL31 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 83621
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 14-Dec-07
7
IL30/IL31/IL55/ILD30/ILD31/ILD55/ILQ30/ILQ31/ILQ55
Optocoupler, Photodarlington Output
(Single, Dual, Quad Channel)
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
0.255 (6.48)
0.265 (6.81)
0.779 (19.77)
0.790 (20.07)
0.030 (0.76)
0.045 (1.14)
0.100 (2.54) typ.
10°
typ.
3° to 9°
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.110 (2.79)
0.130 (3.30)
Pin one ID
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
0.031 (0.79)
0.300 (7.62)
typ.
0.230 (5.84)
0.250 (6.35)
0.050 (1.27)
i178007
ISO method A
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
min.
Option 7
18494
min.
0.315 (8.00)
0.020 (0.51)
0.040 (1.02)
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03)
0.012 (0.30) typ.
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9


Similar Part No. - IL31

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL31 SIEMENS-IL31 Datasheet
63Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL31 VISHAY-IL31 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
logo
Integral Corp.
IL311 INTEGRAL-IL311 Datasheet
291Kb / 2P
   Highly Flexible Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311 Datasheet
131Kb / 3P
   High Performance Voltage Comparators
IL311 IKSEMICON-IL311 Datasheet
120Kb / 3P
   High Performance Voltage Comparators
More results

Similar Description - IL31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com