Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IHV Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. IHV
Description  Filter Inductors, High Current
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

IHV Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Filter Inductors, High Current
High Current
IHV
Vishay Dale
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34022
44
Revision: 21-Apr-06
* Will not change more than ± 10 % at rated current
FEATURES
• Printed circuit mounting
• Low cost construction
• Designed for use with switching power supplies
• Pre-tinned leads
• Protected by polyolefin tubing-flame retardant UL type
VW-1 per MIL-I-23053/5, Class 3 requirements
ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1.0 V with no DC current
Dielectric: 2500 VRMS between winding and outer
circumference to within 0.250" [6.35 mm] of the insulation
sleeve edge
Operating Temperature: - 55 °C to + 125 °C (no load)
- 55 °C to + 75 °C (at full rated current)
MECHANICAL SPECIFICATIONS
Terminals: Extensions of winding, solder coated
Encapsulant: Polyolefin tubing
Core Material: Iron laminations
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.*
at 1 kHz
(µH)
TOL.
SELF-
RESONANT
FREQ. MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED
CURRENT
(Max. Amps)
IHV-15-500
500
± 10 %
0.8
0.0500
15
IHV-20-200
200
± 10 %
1.2
0.0210
20
IHV-28-60
60
± 10 %
1.9
0.0085
28
IHV-30-150
150
± 10 %
2.1
0.0130
30
IHV-40-39
39
± 10 %
2.5
0.0048
40
IHV-45-92
92
± 10 %
2.9
0.0075
45
IHV-50-50
50
± 10 %
3.1
0.0045
50
IHV-60-24
24
± 10 %
5.7
0.0025
60
DIMENSIONS in inches [millimeters]
MODEL
STYLE
A
(Max.)
B
± 0.050 [1.27]
C
± 0.062 [1.57]
D
± 0.062 [1.57]
E
(Dia.)
TYPICAL WEIGHT
(Grams)
IHV-15-500
1
2.45 [62.23]
1.45 [36.83]
0.980 [24.89]
1.95 [49.53]
0.082 [2.08]
305
IHV-20-200
2
2.45 [62.23]
1.45 [36.83]
0.980 [24.89]
-
0.102 [2.59]
310
IHV-28-60
2
2.45 [62.23]
1.02 [25.91]
0.770 [19.56]
-
0.102 [2.59]
160
IHV-30-150
2
2.45 [62.23]
1.65 [41.91]
1.080 [27.43]
-
0.129 [3.28]
470
IHV-40-39
2
2.45 [62.23]
1.15 [29.21]
0.820 [20.83]
-
0.129 [3.28]
210
IHV-45-92
2
2.55 [64.77]
1.92 [48.77]
1.210 [30.73]
-
0.162 [4.11]
650
IHV-50-50
1
2.55 [64.77]
1.57 [39.88]
1.050 [26.67]
2.10 [53.34]
0.162 [4.11]
420
IHV-60-24
2
2.45 [62.23]
1.27 [32.26]
0.890 [22.61]
-
0.162 [4.11]
270
A
Max.
0.750 [19.0]
0.500 [12.70]
0.125 [3.18]
Max.
B
E Dia.
Tinned
Style 2
Tinned
Style 1
C
C
E Dia
.
A
Max.
0.750 [19.0]
0.500 [12.70]
D
0.125 [3.18]
Max.
B
MARKING
- Vishay Dale
- Model
- Date code
RoHS
COMPLIANT


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn