Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48221E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 48221E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

48221E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  48221E3 Datasheet HTML 1Page - Vishay Siliconix 48221E3 Datasheet HTML 2Page - Vishay Siliconix 48221E3 Datasheet HTML 3Page - Vishay Siliconix 48221E3 Datasheet HTML 4Page - Vishay Siliconix 48221E3 Datasheet HTML 5Page - Vishay Siliconix 48221E3 Datasheet HTML 6Page - Vishay Siliconix 48221E3 Datasheet HTML 7Page - Vishay Siliconix 48221E3 Datasheet HTML 8Page - Vishay Siliconix 48221E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335
236
Revision: 09-May-08
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, DIN-Based
Table 2
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 119 series
470 µF/16 V; - 10/+ 50 %
Nominal case size: Ø 12.5 x 30 mm; Form BR
Ordering code: MAL211925471E3
Former 12NC: 2222 119 25471
D3
120 °C
(3 x)
d2
-
1.3 + 0.1
0
(3 x)
1.05 + 0.03
- 0.1
3.6 + 0.2
- 0.2
(3 x)
1.3 + 0
(3 x)
Mounting holes
90° ± 2°
(3 x)
- 0.05
D
L
+ 1.0
- 0.5
Ø d1
Ø D2
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Case Ø D x L = 15 x 30 to 21 x 38 mm
Case not insulated (insulation on request)
Especially for applications with severe shocks and vibrations
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Ø Dmax.
Ø. D2max
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
≈ 8.6
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
≈ 11.5
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
≈ 14.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
≈ 19.2
100
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance - 10/+ 50 %
IR
rated RMS ripple current at 100 Hz, 125 °C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz (calculated
from tan
δ
max. and CR)
Z
max. impedance at 10 kHz


Similar Part No. - 48221E3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
48221SC MURATA-48221SC Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
More results

Similar Description - 48221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com