Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29479E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 29479E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

29479E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  29479E3 Datasheet HTML 1Page - Vishay Siliconix 29479E3 Datasheet HTML 2Page - Vishay Siliconix 29479E3 Datasheet HTML 3Page - Vishay Siliconix 29479E3 Datasheet HTML 4Page - Vishay Siliconix 29479E3 Datasheet HTML 5Page - Vishay Siliconix 29479E3 Datasheet HTML 6Page - Vishay Siliconix 29479E3 Datasheet HTML 7Page - Vishay Siliconix 29479E3 Datasheet HTML 8Page - Vishay Siliconix 29479E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335
234
Revision: 09-May-08
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, DIN-Based
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case, insulated
with a blue sleeve
• Mounting ring version not available in insulated
form
• Taped versions up to case Ø 15 x 30 mm available for
automatic insertion
• Charge and discharge proof
• Extra long useful life: up to 8000 hours at 125 °C, high
stability, high reliability
• Extended temperature range: 125 °C (usable up to
150 °C)
• High ripple current capability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Military, industrial control, EDP and telecommunication
• Smoothing, filtering, buffering in SMPS; coupling,
decoupling
• For use where low mounting height is important; vibration
and shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for - 10 to + 50 %)
• Rated voltage (in V) at 125 °C and 85 °C
• Date code, in accordance with IEC 60062
• Code for factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
• Series number (119)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
6.5 x 18
to 10 x 25
10 x 30
to 21 x 38
Rated capacitance range, CR
4.7 to 4700 µF
Tolerance on CR
- 10/+ 50 %
Rated voltage range, UR
10 to 200 V
Category temperature range
- 55 to + 125
°C
Endurance test at 150
°C
500 hours
500 hours
Endurance test at 125
°C
2000 hours
4000 hours
Useful life at 125
°C
4000 hours
8000 hours
Useful life at 40
°C,
1.8 IR applied
500 000 hours 100 0000 hours
Shelf life at 0 V, 125
°C:
UR = 10 to 63 V
500 hours
UR = 100 and 200 V
100 hours
Based on sectional
specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/125/56
smaller
dimensions
smaller dimensions
higher ripple
119 AHT-DIN
125 °C
118 AHT
120 ATC
125 °C
Fig.1 Component outlines
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
63
100
200
4.7
-----
6.5 x 18
10 x 18
10
----
6.5 x 18
8 x 18
10 x 25
22
-
-
6.5 x 18
-
8 x 18
10 x 18
-
47
-
6.5 x 18
-
8 x 18
10 x 18
10 x 25
-
-----
10 x 30
-
68
----
10 x 30
12.5 x 30
-
100
6.5 x 18
8 x 18
10 x 18
10 x 25
10 x 30
15 x 30
-
150
-
-
-
12.5 x 30
15 x 30
15 x 30
-


Similar Part No. - 29479E3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2947909 PHOENIX-2947909 Datasheet
46Kb / 2P
   Covering hood, for the contact and dust-protected encapsulation of the components, in green design.
2947925 PHOENIX-2947925 Datasheet
72Kb / 3P
   Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design. Height: 7.5 mm, width: 50 mm
2947941 PHOENIX-2947941 Datasheet
46Kb / 2P
   Covering hood, for the contact and dust-protected encapsulation of the components, in green design.
2947954 PHOENIX-2947954 Datasheet
71Kb / 3P
   Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design. Height: 7.5 mm, width: 75 mm
2947967 PHOENIX-2947967 Datasheet
47Kb / 2P
   Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design.
More results

Similar Description - 29479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com