Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90518E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 90518E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90518E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  90518E3 Datasheet HTML 1Page - Vishay Siliconix 90518E3 Datasheet HTML 2Page - Vishay Siliconix 90518E3 Datasheet HTML 3Page - Vishay Siliconix 90518E3 Datasheet HTML 4Page - Vishay Siliconix 90518E3 Datasheet HTML 5Page - Vishay Siliconix 90518E3 Datasheet HTML 6Page - Vishay Siliconix 90518E3 Datasheet HTML 7Page - Vishay Siliconix 90518E3 Datasheet HTML 8Page - Vishay Siliconix 90518E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Document Number: 28335
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 09-May-08
237
119 AHT-DIN
Aluminum Capacitors
Axial High Temperature, DIN-Based
Vishay BCcomponents
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1min
(µA)
IL5
5min
(µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE MAL2119.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
10
100
6.5 x 18
4
130
10
6
0.2
3.5
2.2
-
24101E3
34101E3
-
220
10 x 18
6
240
17
8.4
0.18
1.3
1.0
-
24221E3
34221E3
-
470
10 x 25
7
380
32
13
0.18
0.61
0.49
-
90501E3
90502E3
-
470
12.5 x 30
01
550
32
13
0.16
0.54
0.38
14471E3
24471E3
-
-
680
12.5 x 30
01
640
45
18
0.20
0.47
0.38
14681E3
24681E3
-
-
1000
15 x 30
02
830
64
24
0.20
0.32
0.24
90032E3
24102E3
-
44102E3
1500
18 x 30
03
1100
94
34
0.22
0.23
0.17
14152E3
-
-
44152E3
2200
18 x 30
03
1190
136
48
0.26
0.19
0.17
14222E3
-
-
44222E3
3300
18 x 38
04
1550
202
70
0.27
0.13
0.10
14332E3
-
-
44332E3
4700
21 x 38
05
1700
286
90
0.30
0.10
0.09
14472E3
-
-
44472E3
16
47
6.5 x 18
4
110
10
5.5
0.13
4.4
2.2
-
25479E3
35479E3
-
100
8 x 18
5
170
14
7.2
0.13
2.1
1.3
-
25101E3
35101E3
-
220
10 x 25
7
300
25
11
0.13
0.94
0.55
-
25221E3
35221E3
-
330
12.5 x 30
01
560
36
15
0.13
0.63
0.38
15331E3
25331E3
-
-
470
12.5 x 30
01
570
50
19
0.15
0.51
0.38
15471E3
25471E3
-
-
680
15 x 30
02
750
69
26
0.15
0.35
0.24
15681E3
25681E3
-
45681E3
1000
15 x 30
02
850
100
36
0.19
0.30
0.24
15102E3
25102E3
-
45102E3
1500
18 x 30
03
1120
148
52
0.20
0.21
0.17
15152E3
-
-
45152E3
2200
18 x 38
04
1440
215
74
0.20
0.14
0.10
15222E3
-
-
45222E3
3300
21 x 38
05
1650
321
110
0.22
0.11
0.09
15332E3
-
-
45332E3
4700
21 x 38
05
1710
455
154
0.28
0.09
0.09
15472E3
-
-
45472E3
25
22
6.5 x 18
4
85
10
5.1
0.10
7.2
3.2
-
26229E3
36229E3
-
100
10 x 18
6
210
19
9
0.10
1.6
1.0
-
26101E3
36101E3
-
220
10 x 25
7
350
37
15
0.10
0.72
0.58
-
90503E3
90504E3
-
220
12.5 x 30
01
500
37
15
0.09
0.65
0.38
16221E3
26221E3
-
-
330
12.5 x 30
01
580
54
21
0.11
0.53
0.38
16331E3
26331E3
-
-
470
12.5 x 30
01
630
75
28
0.13
0.44
0.38
16471E3
26471E3
-
-
680
18 x 30
03
990
106
38
0.13
0.30
0.17
16681E3
-
-
46681E3
1000
18 x 30
03
1090
154
54
0.13
0.21
0.17
16102E3
-
-
46102E3
1500
18 x 38
04
1420
229
79
0.13
0.14
0.10
16152E3
-
-
46152E3
2200
21 x 38
05
1550
334
114
0.13
0.11
0.09
16222E3
-
-
46222E3
40
47
8 x 18
5
150
15
7.8
0.08
2.7
1.5
-
27479E3
37479E3
-
100
10 x 25
7
260
28
12
0.08
1.3
0.7
-
27101E3
37101E3
-
150
12.5 x 30
01
440
40
16
0.08
0.85
0.51
17151E3
27151E3
-
-
220
12.5 x 30
01
500
57
22
0.09
0.65
0.48
17221E3
27221E3
-
-
330
15 x 30
02
630
83
30
0.09
0.43
0.37
17331E3
27331E3
-
47331E3
470
15 x 30
02
720
117
42
0.12
0.41
0.37
17471E3
27471E3
-
47471E3
680
18 x 30
03
970
167
58
0.12
0.28
0.22
17681E3
-
-
47681E3
1000
18 x 38
04
1250
244
84
0.12
0.19
0.14
17102E3
-
-
47102E3
1500
21 x 38
05
1410
364
124
0.14
0.15
0.12
17152E3
-
-
47152E3
2200
21 x 38
05
1550
532
180
0.18
0.13
0.11
17222E3
-
-
47222E3


Similar Part No. - 90518E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9051 ETC1-9051 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
9051 ETC2-9051 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
9051 ETC2-9051 Datasheet
122Kb / 1P
   TNC FEMALE TO TNC FEMALE RADIUS R/A ADAPTER
logo
Heyco.
9051 HEYCO-9051 Datasheet
152Kb / 2P
   Snap Rivets
logo
Spectrum Microwave, Inc...
9051-100-0000 SPECTRUM-9051-100-0000 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - 90518E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com