Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214095802E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL214095802E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214095802E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL214095802E3 Datasheet HTML 1Page - Vishay Siliconix MAL214095802E3 Datasheet HTML 2Page - Vishay Siliconix MAL214095802E3 Datasheet HTML 3Page - Vishay Siliconix MAL214095802E3 Datasheet HTML 4Page - Vishay Siliconix MAL214095802E3 Datasheet HTML 5Page - Vishay Siliconix MAL214095802E3 Datasheet HTML 6Page - Vishay Siliconix MAL214095802E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
140 CLH
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), High Temperature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28303
4
Revision: 29-May-08
CAPACITANCE (C)
DISSIPATION FACTOR (tan
δ)
EQUIVALENT SERIES RESISTANCE (ESR)
IMPEDANCE (Z)
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
Fig.5 Typical multiplier of capacitance as a function of frequency
of ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
1.2
1.1
1.0
0.9
0.8
C
C
0
1
2
2
1
Curve 1: 6.3 V
Curve 2: 63 V
Fig.6 Typical multiplier of dissipation factor (Tan
δ) as a function
of ambient temperature
Tan
δ
0 = typical tan δ at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
140
0.1
1
10
T
amb (°C)
Tan
Tan
δ
Fig.7 Typical multiplier of ESR as a function of frequency
ESR
0 = typical at 20 °C, 100 Hz
0.1
10
10 4
10 3
10 2
10 5
1
10
f (Hz)
ESR
ESR 0
2
3
1
3
2
1
T
amb (20 °C)
Curve 1: 6.3 V
Curve 2: 35 V
Curve 3: 63 V
Fig.8 Typical multiplier of ESR as a function of frequency
10
10 4
10 3
10 2
10 5
f (Hz)
T
amb (20 °C)
10
3
10
2
10
1
10
-1
Z
(
Ω)
4
3
2
1
Case code 0810
Curve 1: 10 V
Curve 2: 25 V
Curve 3: 50 V
Curve 4: 63 V
Fig.9 Typical impedance as a function of frequency
10
10 4
10 3
10
10 5
f (Hz)
T
amb (20 °C)
Z
( )
Ω
0.01
0.1
1
10
102
4
3
2
1
Case code 1010
Curve 1: 10 V
Curve 2: 25 V
Curve 3: 50 V
Curve 4: 63 V
Fig.10 Typical impedance as a function of frequency
10
10 4
10 3
10
10 5
f (Hz)
T
amb (20 °C)
Z
( )
Ω
0.01
0.1
1
10
102
Case code 1014
Curve 1: 10 V
Curve 2: 25 V
Curve 3: 50 V
Curve 4: 63 V
1
2
3
4


Similar Part No. - MAL214095802E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214097001E3 VISHAY-MAL214097001E3 Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
MAL214097002E3 VISHAY-MAL214097002E3 Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
MAL214097003E3 VISHAY-MAL214097003E3 Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
MAL214097011E3 VISHAY-MAL214097011E3 Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
MAL214097012E3 VISHAY-MAL214097012E3 Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
More results

Similar Description - MAL214095802E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com