Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140CLH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 140CLH
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140CLH Datasheet(HTML) 3 Page - Vishay Siliconix

  140CLH_08 Datasheet HTML 1Page - Vishay Siliconix 140CLH_08 Datasheet HTML 2Page - Vishay Siliconix 140CLH_08 Datasheet HTML 3Page - Vishay Siliconix 140CLH_08 Datasheet HTML 4Page - Vishay Siliconix 140CLH_08 Datasheet HTML 5Page - Vishay Siliconix 140CLH_08 Datasheet HTML 6Page - Vishay Siliconix 140CLH_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28303
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 29-May-08
3
140 CLH
Aluminum Capacitors
SMD (Chip), High Temperature
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 4 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 140 CLH series
100 µF/50 V; ± 20 %
Nominal case size:
10 x 10 x 14 mm; taped on reel
Ordering code: MAL214095102E3
Former 12NC: 2222 140 95102
Table 4
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 kHz, 125 °C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(µF)
NOMINAL
CASE SIZE
Lx Wx H
(mm)
IR
100 kHz
125 °C
(mA)
IL2
2min
(µA)
tan
δ
Z
100 kHz
+ 20 °C
(
Ω)
ORDERING CODE
MAL2140.......
6.3
330
8 x 8 x 10
180
21
0.30
0.65
95303E3
470
10 x 10 x 10
300
30
0.30
0.17
95301E3
680
10 x 10 x 14
430
43
0.30
0.12
95302E3
10
220
8 x 8 x 10
180
22
0.26
0.65
95403E3
330
10 x 10 x 10
300
33
0.26
0.17
95401E3
470
10 x 10 x 14
430
47
0.26
0.12
95402E3
16
150
8 x 8 x 10
180
24
0.22
0.65
95502E3
330
10 x 10 x 14
430
53
0.22
0.12
95501E3
25
100
8 x 8 x 10
180
25
0.18
0.65
95602E3
220
10 x 10 x 10
300
55
0.18
0.19
95601E3
35
68
8 x 8 x 10
180
24
0.14
0.65
95003E3
100
10 x 10 x 10
255
35
0.14
0.40
95001E3
150
10 x 10 x 14
317
53
0.14
0.30
95002E3
50
47
8 x 8 x 10
145
24
0.12
1.00
95103E3
68
10 x 10 x 10
205
34
0.12
0.56
95101E3
100
10 x 10 x 14
255
50
0.12
0.42
95102E3
63
10
8 x 8 x 10
145
6.3
0.12
1.00
95805E3
22
8 x 8 x 10
145
14
0.12
1.00
95803E3
33
8 x 8 x 10
145
21
0.12
1.00
95804E3
47
10 x 10 x 10
205
30
0.12
0.56
95801E3
68
10 x 10 x 14
255
43
0.12
0.42
95802E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us ≤ 1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16
Urev ≤ 0.5 V
Current
Leakage current
after 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
Inductance
Equivalent series inductance (ESL)
typ. 16 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz
calculated from tan
δ
max. and CR (see Table 4)
ESR = tan
δ/2 πf C
R


Similar Part No. - 140CLH_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
More results

Similar Description - 140CLH_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com