Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46102E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 46102E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

46102E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 46102E3 Datasheet HTML 2Page - Vishay Siliconix 46102E3 Datasheet HTML 3Page - Vishay Siliconix 46102E3 Datasheet HTML 4Page - Vishay Siliconix 46102E3 Datasheet HTML 5Page - Vishay Siliconix 46102E3 Datasheet HTML 6Page - Vishay Siliconix 46102E3 Datasheet HTML 7Page - Vishay Siliconix 46102E3 Datasheet HTML 8Page - Vishay Siliconix 46102E3 Datasheet HTML 9Page - Vishay Siliconix 46102E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Document Number: 28335
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 09-May-08
239
119 AHT-DIN
Aluminum Capacitors
Axial High Temperature, DIN-Based
Vishay BCcomponents
Table 3
Note
1. For applications at ambient temperatures of
≤ 85 °C, the rated voltage (U
R) may be raised to UR2.
Equivalent series inductance (ESL)
Case Ø D x L mm:
6.5 x 18
typ. 15 nH
-
8 x 18
typ. 35 nH
-
10 x 18
typ. 69 nH
-
10 x 25
typ. 38 nH
-
10 x 30
typ. 38 nH
-
12.5 x 30
typ. 46 nH
-
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
UPRATING VALUES AT REDUCED AMBIENT TEMPERATURE
SYMBOL
CONDITIONS
VALUES
UNIT
UR
Tamb > 85 to 125 °C
10
16
25
40
63
100
200
V
UR2
Tamb ≤ 85 °C
16
25
40
63
100
125
250
V
CAPACITANCE (C)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2
3
C
0
C
1
3
2
1
C
0 = capacitance at 20 °C, 100 Hz
- 60 - 40
- 20
0
20
40
60
80
100
120
140 160
T
amb (°C)
Fig.5 Typical multiplier of capacitance as a function of
ambient temperature
Curve 1: 63 to 200 V
Curve 2: 25 V; 40 V
Curve 3: 10 V;16 V
C
0 = capacitance at 20 °C, 100 Hz
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature
0.5
10
4
10
3
10
2
10
f (Hz)
0.6
0.7
0.8
0.9
1.0
1.1
1
5
C
0
C
1
2
3
4
5
Curve 1: 63 to 200 V
Curve 2: 40 V
Curve 1: 25 V
Curve 1: 16 V
Curve 1: 10 V


Similar Part No. - 46102E3

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4610200 TURCK-4610200 Datasheet
147Kb / 2P
   Inductive Sensor
11/07/2023
4610220 TURCK-4610220 Datasheet
190Kb / 3P
   Inductive Sensor
11/07/2023
logo
Murata Manufacturing Co...
46102C MURATA-46102C Datasheet
128Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
46102C MURATA-PS-46102C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
46102C MURATA-PS-46102C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
More results

Similar Description - 46102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com