Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0945 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA0945
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0945 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA0945 Datasheet HTML 1Page - Sanyo Semicon Device ENA0945 Datasheet HTML 2Page - Sanyo Semicon Device ENA0945 Datasheet HTML 3Page - Sanyo Semicon Device ENA0945 Datasheet HTML 4Page - Sanyo Semicon Device ENA0945 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA5751
No.A0945-2/5
SANYO : 220-5H
1
5
0.8
10.4max
10.0
3.6
4.5
1.3
0.9
2.7
0.45
4.5
8.4
1.7
(1.6)
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
5.5 to 28
V
Operating junction temperature range
Tj op
-30 to +150
°C
Electrical Characteristics at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VO
VIN = 15V, IO = 1.0A
3.17
3.30
3.43
V
Efficiency
η
VIN = 15V, IO = 1.0A
79
%
Switching frequency
f
VIN = 15V, IO = 1.0A
48
60
72
kHz
Line regulation
∆VOLINE
VIN = 8 to 20V, IO = 1.0A
25
80
mV
Load regulation
∆VOLOAD
VIN = 15V, IO = 0.5 to 1.5A
10
30
mV
Output voltage temperature coefficient
∆VO/∆Ta
±0.5
mV/
°C
Ripple attenuation factor
RREJ
f = 100 to 120Hz
45
dB
Current limiter operating voltage
IS
VIN = 15V
3.1
A
Thermal shutdown operating temperature
TSD
Designed target value*
165
°C
Thermal shutdown hysteresis width
∆TSD
Designed target value*
15
°C
* Designed target value: No measurement made.
Package Dimensions
unit : mm (typ)
3079C
Pin Assignment
(1)VIN (2)SWOUT (3)GND (4)VOS (5)SS
140
120
100
80
60
40
20
0
-20
-30
0
2.0
4.0
6.0
8.0
MSG07021
160
10.0
7.5
5.6
3.3
1.75
Ambient temperature, Ta --
°C
Pd max -- Ta
100
×100×1.5mm3
50
×50×1.5mm3
30
×30×1.5mm3
No heat sink
Infinite heat sink
θjc=5°C
Al heat
sink
mounting
torque
39N
⋅cm
silicone
grease
applied


Similar Part No. - ENA0945

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0941 SANYO-ENA0941 Datasheet
58Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0942 SANYO-ENA0942 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA0943 SANYO-ENA0943 Datasheet
125Kb / 14P
   For Cellular Phone LED Driver
logo
ON Semiconductor
ENA0943 ONSEMI-ENA0943 Datasheet
120Kb / 14P
   LED Driver for Cellular Phone
August, 2013
logo
Sanyo Semicon Device
ENA0946 SANYO-ENA0946 Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
More results

Similar Description - ENA0945

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5751MP SANYO-LA5751MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771 SANYO-LA5771 Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5753 SANYO-LA5753 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5753MP SANYO-LA5753MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5777 SANYO-LA5777 Datasheet
62Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5772 SANYO-LA5772 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777MP SANYO-LA5777MP Datasheet
125Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5752 SANYO-LA5752 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com