Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFL210T-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHFL210T-E3
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFL210T-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHFL210T-E3 Datasheet HTML 1Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 2Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 3Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 4Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 5Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 6Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 7Page - Vishay Siliconix SIHFL210T-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91196
www.vishay.com
S-81369-Rev. A, 07-Jul-08
1
Power MOSFET
IRFL9110, SiHFL9110
Vishay Siliconix
FEATURES
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• P-Channel
• Fast Switching
• Ease of Paralleling
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The SOT-223 package is designed for surface-mount using
vapor phase, infrared, or wave soldering techniques. Its
unique
package
design
allows
for
easy
automatic
pick-and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance due
to an enlarged tab for heatsinking. Power dissipation of
greater than 1.25 W is possible in a typical surface mount
application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = - 25 V, starting TJ = 25 °C, L = 7.7 mH, RG = 25 Ω, IAS = - 4.4 A (see fig. 12).
c. ISD ≤ - 4.4 A, dI/dt ≤ - 75 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
- 100
RDS(on) (Ω)VGS = - 10 V
1.2
Qg (Max.) (nC)
8.7
Qgs (nC)
2.2
Qgd (nC)
4.1
Configuration
Single
S
G
D
P-Channel MOSFET
SOT-223
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
SOT-223
SOT-223
Lead (Pb)-free
IRFL9110PbF
IRFL9110TRPbFa
SiHFL9110-E3
SiHFL210T-E3a
SnPb
IRFL9110
IRFL9110TRa
SiHFL9110
SiHFL9110Ta
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 1.1
A
TC = 100 °C
- 0.69
Pulsed Drain Currenta
IDM
- 8.8
Linear Derating Factor
0.025
W/°C
Linear Derating Factor (PCB Mount)e
0.017
Single Pulse Avalanche Energyb
EAS
100
mJ
Avalanche Currenta
IAR
- 1.1
A
Peak Diode Recovery dV/dtc
EAR
0.31
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.0
Peak Diode Recovery dV/dtc
dV/dt
- 5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFL210T-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFL210T-E3 VISHAY-SIHFL210T-E3 Datasheet
1Mb / 8P
   Power MOSFET
S-81377-Rev. A, 30-Jun-08
More results

Similar Description - SIHFL210T-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com