Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1199 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1199
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1199 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1199 Datasheet HTML 1Page - Sanyo Semicon Device ENA1199 Datasheet HTML 2Page - Sanyo Semicon Device ENA1199 Datasheet HTML 3Page - Sanyo Semicon Device ENA1199 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH6339
No. A1199-3/4
IS -- VSD
yfs⏐ -- ID
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
A S O
Drain-to-Source Voltage, VDS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V
IT13634
IT13635
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
7
7
5
5
3
2
10
7
5
3
2
--0.01
--0.1
2
23
5
7
--10
23
5
7
--1.0
35
7
--0.01
2
3
--0.1
2
7
5
3
--1.0
2
7
5
--0.1
--1.0
23
5
7
7
23
5
IT13636
0
--5
--10
--15
2
1000
7
5
5
3
3
2
100
7
2
--20
--40
--30
--25
--35
IT13637
10
2
3
2
7
3
5
100
7
5
0--4
--2
--8
--12
--6
--10
--14
--16
50
100
150
200
250
300
0
IT13632
IT13633
Ta=25
°C
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
300
100
200
250
50
150
015
13579
2468
11
14
13
10
12
IT13639
IT13638
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
3
--10
7
5
--0.01
3
2
3
5
2
7
3
5
7
2
3
2
5
7
--10
--1.0
--0.1
--10
--1.0
77
2 3
5 7
72 3
5
23
5
2 3
5 7
--0.1
--0.01
ID= --1.0A
--1.5A
V GS
= --
4.0
V, I D
= --
1.0
A
VGS
= --
4.5V
, ID
= --
1.0A
VGS
= --10
V, ID
= --1.5
A
Ta=
--25
°C
VDS= --10V
75°
C
25
°C
VGS=0V
VDD= --10V
VGS= --10V
td(on)
td(off)
tf
t r
Ciss
Coss
Crss
f=1MHz
VDS= --24V
ID= --3A
ID= --3A
IDP= --12A
Operation in this
area is limited by RDS(on).
DC
operation
100ms
10ms
1ms 100
μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(900mm2
✕0.8mm)
PW
≤10μs


Similar Part No. - ENA1199

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1190B SANYO-ENA1190B Datasheet
127Kb / 18P
   CMOS IC 2M-bit (256K횞8) Serial Flash Memory 30MHz SPI Bus
ENA1195 SANYO-ENA1195 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1197 SANYO-ENA1197 Datasheet
57Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1198 SANYO-ENA1198 Datasheet
58Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENA1199

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com