Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15GN03MA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 15GN03MA
Description  NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15GN03MA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  15GN03MA Datasheet HTML 1Page - Sanyo Semicon Device 15GN03MA Datasheet HTML 2Page - Sanyo Semicon Device 15GN03MA Datasheet HTML 3Page - Sanyo Semicon Device 15GN03MA Datasheet HTML 4Page - Sanyo Semicon Device 15GN03MA Datasheet HTML 5Page - Sanyo Semicon Device 15GN03MA Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
15GN03MA
No. A1108-1/6
Applications
VHF, RF, MIXER, OSC, IF amplifier.
Features
High cut-off frequency : fT=1.5GHz typ.
High gain
:
⏐S21e⏐
2=13dB typ (f=0.4GHz).
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
3V
Collector Current
IC
70
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2
✕0.8mm)
400
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
100
180
Gain-Bandwidth Product
fT
VCE=5V, IC=20mA
1.0
1.5
GHz
Marking : ZC
Continued on next page.
SANYO Semiconductors
DATA SHEET
www.semiconductor-sanyo.com/network
Ordering number : ENA1108
O2908AB MS IM TC-00001669
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
15GN03MA
NPN Epitaxial Planar Silicon Transistor
VHF High-frequency Amplifier Applications


Similar Part No. - 15GN03MA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
15GN03MA-TL-E SANYO-15GN03MA-TL-E Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
logo
ON Semiconductor
15GN03MA-TL-E ONSEMI-15GN03MA-TL-E Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
15GN03MA SANYO-15GN03MA_12 Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
More results

Similar Description - 15GN03MA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN03CA SANYO-15GN03CA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
15GN03SA SANYO-15GN03SA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
15GN03CA SANYO-15GN03CA_12 Datasheet
394Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
15GN03MA SANYO-15GN03MA_12 Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
logo
KEC(Korea Electronics)
BFS20 KEC-BFS20 Datasheet
125Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC3881 KEC-KTC3881 Datasheet
385Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
BFQ31 KEC-BFQ31 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC4081 KEC-KTC4081 Datasheet
381Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTC3197 KEC-KTC3197 Datasheet
623Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
logo
Sanyo Semicon Device
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com