Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C32C-3PLA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C32C-3PLA3
Description  32K-bit 2-WIRE SERIAL CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C32C-3PLA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C32C-3PLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C32C-3PLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Integrated Silicon Solution, Inc.
3
Rev. B
1/04/08
IS24C32C
PIN DESCRIPTIONS
A0-A2
Address Inputs
SDA
Serial Address/Data I/O
SCL
Serial Clock Input
WP
Write Protect Input
Vcc
Power Supply
GND
Ground
SCL
This input clock pin is used to synchronize the data
transfer to and from the device.
SDA
The SDA is a Bi-directional pin used to transfer addresses
and data into and out of the device. The SDA pin is an open
drain output and can be wire-Ored with other open drain
or open collector outputs. The SDA bus
requires a pullup
resistor to Vcc.
A0, A1, A2
The A0, A1 and A2 are the device address inputs that are
hardwired or left not connected for hardware compatibility
with the 24C16. When pins are hardwired, as many as eight
32K devices may be addressed on a single bus system.
When the pins are not hardwired, the default values of A0,
A1, and A2 are zero.
WP
WP is the Write Protect pin. The input level determines if all
or none of the array is protected from modifications.
PIN CONFIGURATION
8-Pin DIP, SOIC, TSSOP, and MSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
Write Protection
ArrayAddressesProtected
WP
IS24C32C
GNDorfloating
None
Vcc
EntireArray
8-pad DFN
(Top View)
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - IS24C32C-3PLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32-2 ISSI-IS24C32-2 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32-3 ISSI-IS24C32-3 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GI ISSI-IS24C32A-2GI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GLI ISSI-IS24C32A-2GLI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C32C-3PLA3

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC32 HOLTEK-HT24LC32_14 Datasheet
2Mb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com