Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38049FFKP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M38049FFKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
Download  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFKP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M38049FFKP Datasheet HTML 20Page - Renesas Technology Corp M38049FFKP Datasheet HTML 21Page - Renesas Technology Corp M38049FFKP Datasheet HTML 22Page - Renesas Technology Corp M38049FFKP Datasheet HTML 23Page - Renesas Technology Corp M38049FFKP Datasheet HTML 24Page - Renesas Technology Corp M38049FFKP Datasheet HTML 25Page - Renesas Technology Corp M38049FFKP Datasheet HTML 26Page - Renesas Technology Corp M38049FFKP Datasheet HTML 27Page - Renesas Technology Corp M38049FFKP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 387 page
background image
1-6
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
PART NUMBERING
Fig. 4 Part numbering
M3804 9
F
F
H
SP
Product name
Package type
SP : 64P4B
FP : 64P6N-A
HP : 64P6Q-A
KP : 64P6U-A
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
Memory type
F : Flash memory version
RAM size
0
1
2
3
4
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: standard
H : Minner spec. change product
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
9
A
B
C
D
E
F
5
6
7
8
9
: 768 bytes
: 896 bytes
: 1024 bytes
: 1536 bytes
: 2048 bytes
PART NUMBERING


Similar Part No. - M38049FFKP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38049FFFP MITSUBISHI-M38049FFFP Datasheet
2Mb / 135P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M38049FFHFP RENESAS-M38049FFHFP Datasheet
1Mb / 116P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38049FFHHP RENESAS-M38049FFHHP Datasheet
1Mb / 116P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38049FFHKP RENESAS-M38049FFHKP Datasheet
1Mb / 116P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38049FFHP MITSUBISHI-M38049FFHP Datasheet
2Mb / 135P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38049FFKP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K2UM RENESAS-38K2UM Datasheet
2Mb / 358P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com