Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6121 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH6121
Description  PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifi er
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6121 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH6121 Datasheet HTML 1Page - Sanyo Semicon Device MCH6121 Datasheet HTML 2Page - Sanyo Semicon Device MCH6121 Datasheet HTML 3Page - Sanyo Semicon Device MCH6121 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH6121
No. A1286-2/4
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 t o 0.02
65
4
12
3
65
4
12
3
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= -12V, IE=0A
-0.1
μA
Emitter Cutoff Current
IEBO
VEB= -4V, IC=0A
-0.1
μA
DC Current Gain
hFE
VCE= -2V, IC= -500mA
200
560
Gain-Bandwidth Product
fT
VCE= -2V, IC= -500mA
380
MHz
Output Capacitance
Cob
VCB= -10V, f=1MHz
40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= -1.5A, IB= -30mA
-110
-165
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= -1.5A, IB= -30mA
-0.85
-1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= -10μA, IE=0A
-15
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= -1mA, RBE=∞
-12
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= -10μA, IC=0A
-5
V
Turn-On Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
90
ns
Fall Time
tf
See specified Test Circuit.
14
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7022A-007
VR
1kΩ
VCC= --5V
VBE=5V
--20IB1=20IB2=IC=--1.5A
+
+
50Ω
INPUT
OUTPUT
RL
220μF
470μF
PW=20μs
IB1
D.C.1%
IB2
IT04544
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
0
--0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0
--2.0
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
--1.8
--2mA
--4mA
--6mA
--8mA
--10mA
--12mA
IB=0mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT04545
0
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
VCE=--2V


Similar Part No. - MCH6121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6121-TL-H ONSEMI-MCH6121-TL-H Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results

Similar Description - MCH6121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH6122 SANYO-MCH6122 Datasheet
245Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifier
2SA2126 SANYO-2SA2126 Datasheet
48Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PCP1104 SANYO-PCP1104 Datasheet
259Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PCP1103 SANYO-PCP1103 Datasheet
259Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
VEC1106 SANYO-VEC1106 Datasheet
244Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
   PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
CPH3114 SANYO-CPH3114_11 Datasheet
66Kb / 5P
   PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH6731 SANYO-MCH6731 Datasheet
51Kb / 5P
   PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com