Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7296S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7296S
Description  60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7296S Datasheet HTML 1Page - STMicroelectronics TDA7296S Datasheet HTML 2Page - STMicroelectronics TDA7296S Datasheet HTML 3Page - STMicroelectronics TDA7296S Datasheet HTML 4Page - STMicroelectronics TDA7296S Datasheet HTML 5Page - STMicroelectronics TDA7296S Datasheet HTML 6Page - STMicroelectronics TDA7296S Datasheet HTML 7Page - STMicroelectronics TDA7296S Datasheet HTML 8Page - STMicroelectronics TDA7296S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
APPLICATION SUGGESTIONS (see Test and Application Circuits of the Fig. 1)
The recommended values of the external components are those shown on the application circuit of Fig-
ure 1. Different values can be used; the following table can help the designer.
COMPONENTS
SUGGESTED VALUE
PURPOSE
LARGER THAN
SUGGESTED
SMALLER THAN
SUGGESTED
R1 (*)
22k
INPUT RESISTANCE
INCREASE INPUT
IMPEDANCE
DECREASE INPUT
IMPEDANCE
R2
680
CLOSED LOOP GAIN
SET TO 30dB (**)
DECREASE OF GAIN INCREASE OF GAIN
R3 (*)
22k
INCREASE OF GAIN
DECREASE OF GAIN
R4
22k
ST-BY TIME
CONSTANT
LARGER ST-BY
ON/OFF TIME
SMALLER ST-BY
ON/OFF TIME;
POP NOISE
R5
10k
MUTE TIME
CONSTANT
LARGER MUTE
ON/OFF TIME
SMALLER MUTE
ON/OFF TIME
C1
0.47
µF
INPUT DC
DECOUPLING
HIGHER LOW
FREQUENCY
CUTOFF
C2
22
µF
FEEDBACK DC
DECOUPLING
HIGHER LOW
FREQUENCY
CUTOFF
C3
10
µF
MUTE TIME
CONSTANT
LARGER MUTE
ON/OFF TIME
SMALLER MUTE
ON/OFF TIME
C4
10
µF
ST-BY TIME
CONSTANT
LARGER ST-BY
ON/OFF TIME
SMALLER ST-BY
ON/OFF TIME;
POP NOISE
C5
22
µFXN (***)
BOOTSTR APPING
SIGNAL
DEGRADATION AT
LOW FREQUENCY
C6, C8
1000
µF
SUPPLY VOLTAGE
BYPASS
C7, C9
0.1
µF
SUPPLY VOLTAGE
BYPASS
DANGER OF
OSCILLATION
(*) R1 = R3 for pop optimization
(**) Closed Loop Gain has to be
≥ 26dB
(***) Multiply this value for the number of modular part connected
MASTER
UNDEFINED
SLAVE
-V
S +3V
-VS +1V
-VS
D98AU821
Slave function: pin 4 (Ref to pin 8 -VS)
Note:
If in the application, the speakers are connected
via long wires, it is a good rule to add between
the output and GND, a Boucherot Cell, in order to
avoid dangerous spurious oscillations when the
speakers terminal are shorted.
The suggested Boucherot Resistor is 3.9
Ω/2W
and the capacitor is 1
µF.
TDA7296S
5/11


Similar Part No. - TDA7296S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
291Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296AV STMICROELECTRONICS-TDA7296AV Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results

Similar Description - TDA7296S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
   80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com