Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1205 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1205
Description  Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1205 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1205 Datasheet HTML 1Page - Sanyo Semicon Device ENA1205 Datasheet HTML 2Page - Sanyo Semicon Device ENA1205 Datasheet HTML 3Page - Sanyo Semicon Device ENA1205 Datasheet HTML 4Page - Sanyo Semicon Device ENA1205 Datasheet HTML 5Page - Sanyo Semicon Device ENA1205 Datasheet HTML 6Page - Sanyo Semicon Device ENA1205 Datasheet HTML 7Page - Sanyo Semicon Device ENA1205 Datasheet HTML 8Page - Sanyo Semicon Device ENA1205 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LV23014T
No.A1205-3/17
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
FM tuner
ICCFM
No input at FM
25
35
45
mA
AM tuner
ICCAM
No input at AM
11
22
33
mA
PLL characteristics
Built-in return resistor
Rf
XIN
8
M
Ω
Built-in output resistor
Rd
XOUT
250
k
Ω
Hysteresis width
VHIS
CE, CL, DI
0.1Vreg2
V
Output high level voltage
VOH
PD ; IO = -1mA
Vreg2-1.0
V
BO1 ; IO = 1mA
0.25
V
VOL2
BO1 ; IO = 5mA
1.25
V
VOL3
DO ; IO = 1mA
0.25
V
Output low level voltage
VOL4
AOUT ; IO = 1mA, AIN = 2.0V
0.5
V
IIH1
CE, CL, DI ; VI = 6.0V
5.0
μA
IIH2
XIN ; VI = VDD
0.16
0.9
μA
Input high level current
IIH3
AIN ; VI = 6.0V
200
nA
IIL1
CE, CL, DI ; VI = 0V
5.0
μA
IIL2
XIN ; VI = 0V
0.16
0.9
μA
Input low level current
IIL3
AIN ; VI = 0V
200
nA
IOFF1
AOUT, BO1 ; VO = 10V
5.0
μA
Output off-leak current
IOFF2
DO ; VO = 6.0V
5.0
μA
Package Dimensions
unit : mm (typ)
3253B
SANYO : TSSOP36(275mil)
(0.5)
9.75
0.15
1
18
36
19
0.18
(0.63)


Similar Part No. - ENA1205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1200 SANYO-ENA1200 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1201 SANYO-ENA1201 Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
ENA1202A SANYO-ENA1202A Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1204 SANYO-ENA1204 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
ENA1204A ONSEMI-ENA1204A Datasheet
656Kb / 2P
   25.0A Single-Phase Bridge Rectifier
April, 2014
More results

Similar Description - ENA1205

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23015T SANYO-LV23015T Datasheet
214Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LV23002M SANYO-LV23002M Datasheet
457Kb / 4P
   Bi-CMOS IC For Radio Cassette and Mini Component System 1-chip Tuner IC Incorporating PLL
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
   Bi-CMOS IC 1-chip Tuner IC
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com