Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

096PLL-4TSI Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 096PLL-4TSI
Description  Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

096PLL-4TSI Datasheet(HTML) 1 Page - Vishay Siliconix

  096PLL-4TSI Datasheet HTML 1Page - Vishay Siliconix 096PLL-4TSI Datasheet HTML 2Page - Vishay Siliconix 096PLL-4TSI Datasheet HTML 3Page - Vishay Siliconix 096PLL-4TSI Datasheet HTML 4Page - Vishay Siliconix 096PLL-4TSI Datasheet HTML 5Page - Vishay Siliconix 096PLL-4TSI Datasheet HTML 6Page - Vishay Siliconix 096PLL-4TSI Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
1
Aluminum Capacitors
Power Long Life 4-Terminal Snap-In
096 PLL-4TSI
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, minimized dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Pressure relief on the side of the aluminum case
• Very long useful life: 5000 hours at 85 °C
• Temperature range up to 85 °C
• Keyed polarity
Low ESR, high ripple current capability
APPLICATIONS
• Telecommunication and industrial systems
• Smoothing and filtering applications
• Switched mode power supplies
• Renewable energy power converters
Energy storage in pulse systems
For excellent mounting stability
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• ‘−’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
(D x L in mm)
35 x 50
to 45 x 100
Rated capacitance range CR
390 to 2700 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
350 to 500 V
Category temperature range
- 40 to + 85 °C
Endurance test at 85 °C
2000 hours
Useful life at 85 °C
5000 hours
Useful life at 40 °C,
1.4 x IR applied
200 000 hours
Shelf life at 0 V, 85 °C
1000 hours
Based on sectional
specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
096
longer life
095
Fig.1 Component outlines
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
350
385
400
420
450
500
390
35 x 60
470
35 x 70
560
35 x 60
35 x 70
40 x 60
680
35 x 50
40 x 50
35 x 60
40 x 50
35 x 60
40 x 50
35 x 70
40 x 50
35 x 80
40 x 70
820
35 x 50
40 x 40
35 x 60
40 x 50
35 x 60
40 x 50
35 x 70
40 x 60
35 x 80
40 x 60
35 x 100
40 x 80
1000
35 x 60
40 x 50
35 x 70
40 x 60
35 x 70
40 x 60
45 x 50
35 x 80
40 x 60
35 x 100
40 x 70
45 x 60
40 x 100
45 x 70


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn