Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1173A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # ENA1173A
Description  Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1173A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button ENA1173A Datasheet HTML 3Page - Sanyo Semicon Device ENA1173A Datasheet HTML 4Page - Sanyo Semicon Device ENA1173A Datasheet HTML 5Page - Sanyo Semicon Device ENA1173A Datasheet HTML 6Page - Sanyo Semicon Device ENA1173A Datasheet HTML 7Page - Sanyo Semicon Device ENA1173A Datasheet HTML 8Page - Sanyo Semicon Device ENA1173A Datasheet HTML 9Page - Sanyo Semicon Device ENA1173A Datasheet HTML 10Page - Sanyo Semicon Device ENA1173A Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LV4912GP
No.A1173-8/11
(2) Power Down sequence
The OFF Time should secure more than 100msec for reduction of the popping noise.
Capacitors for Power supply and pin arrangement
1. Capacitors for power supply
The capacitors C2 and C3 for power supply connected between IC pins must be inserted using the shortest lines
possible.
2. Pin arrangement of the test pins (pins 15 and 16)
The test pins (pins 15 and 16) are used as pins for testing before shipment. These pins are not used normally. Therefore,
these pins must be left open if the pin arrangement is not performed. Please make sure to connect these pins to GNDs if
the pin arrangement is performed.
OFF Time
STBY
MUTE
MUTECAP
Output pin
Internal power
supply
3
2
PRE_GND
PRE_VD
C3
1
µF
22
17
PWR_GND
PWR_VD
C2
1
µF


Similar Part No. - ENA1173A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1170 SANYO-ENA1170 Datasheet
100Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1170A SANYO-ENA1170A Datasheet
511Kb / 7P
   General-Purpose Switching Device Applications
ENA1172 SANYO-ENA1172 Datasheet
127Kb / 12P
   Bi-CMOS LSI Forward/Reverse H-bridge Driver
ENA1174 SANYO-ENA1174 Datasheet
60Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1176 SANYO-ENA1176 Datasheet
57Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENA1173A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4901H SANYO-LV4901H Datasheet
212Kb / 14P
   Bi-CMOS LSI Buit-in 80mW Headphone amplifier BTL 10W횞2ch Crass-D Audio Power Amplifier
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
LV4910T SANYO-LV4910T Datasheet
87Kb / 7P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch
LV49157V SANYO-LV49157V Datasheet
1Mb / 30P
   Bi-CMOS LSI Class-D Audio Power Amplifier with built-in Headphone Ampifier BTL 15W 횞 2ch
LV4920H SANYO-LV4920H Datasheet
169Kb / 12P
   Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W횞2CH, 10W횞2CH
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com