Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1257 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1257
Description  Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1257 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1257 Datasheet HTML 1Page - Sanyo Semicon Device ENA1257 Datasheet HTML 2Page - Sanyo Semicon Device ENA1257 Datasheet HTML 3Page - Sanyo Semicon Device ENA1257 Datasheet HTML 4Page - Sanyo Semicon Device ENA1257 Datasheet HTML 5Page - Sanyo Semicon Device ENA1257 Datasheet HTML 6Page - Sanyo Semicon Device ENA1257 Datasheet HTML 7Page - Sanyo Semicon Device ENA1257 Datasheet HTML 8Page - Sanyo Semicon Device ENA1257 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LV3313PM
No.A1257-3/18
Overall Characteristics at Ta = 25°C, VDD = 8V, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
A loss of insertion
ATT
-1.0
+1.0
dB
Total harmonic distortion
THD
VIN = 1Vrms, f = 1kHz
0.004
0.01
%
Inter-input crosstalk
CT
VIN = 1Vrms, f = 1kHz
80
88
dB
Left/Right channel crosstalk
CT
VIN = 1Vrms, f = 1kHz
80
88
dB
Maximum attenuation
VO min
VIN = 1Vrms, f = 1kHz
80
88
dB
Output noise voltage
VN
10
25
μV
Current drain
IDD
16
23
mA
Input high-level current
IIH
CL, DI, CE, VIN = 5.5V
10
μA
Input low-level current
IIL
CL, DI, CE, VIN = 0V
-10
μA
Maximum input voltage
VCL
THD = 1% RL = 10k
Ω
all controls flat, fIN = 1kHz
2.2
Vrms
Common-mode rejection ratio
CMRR
VIN = 1Vrms, f = 1kHz
50
dB
Package Dimensions
unit : mm (typ)
3148A
10.0
13.2
0.2
0.35
0.8
(1.0)
1
44
SANYO : QIP44M(10X10)


Similar Part No. - ENA1257

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1250 SANYO-ENA1250 Datasheet
86Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
ENA1250A SANYO-ENA1250A Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
ENA1254A SANYO-ENA1254A Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
ENA1259 SANYO-ENA1259 Datasheet
61Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1259A SANYO-ENA1259A Datasheet
117Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA1257

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com