Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3313PM Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LV3313PM
Description  Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV3313PM Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LV3313PM Datasheet HTML 9Page - Sanyo Semicon Device LV3313PM Datasheet HTML 10Page - Sanyo Semicon Device LV3313PM Datasheet HTML 11Page - Sanyo Semicon Device LV3313PM Datasheet HTML 12Page - Sanyo Semicon Device LV3313PM Datasheet HTML 13Page - Sanyo Semicon Device LV3313PM Datasheet HTML 14Page - Sanyo Semicon Device LV3313PM Datasheet HTML 15Page - Sanyo Semicon Device LV3313PM Datasheet HTML 16Page - Sanyo Semicon Device LV3313PM Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LV3313PM
No.A1257-13/18
Soft mute control
D77
Operation
0
Soft mute mode off
1
Soft mute mode on
D78
Operation
0
mute set off
1
mute set on
D79
D80
Operation
0
0
normal mode
1
0
test mode
Soft mute settling time select control
D81
D82
Operation
0
0
mute time 0.64ms
1
0
mute time 5.12ms
0
1
mute time 40ms
1
1
mute time 80ms
D83
D84
D85
D86
D87
0
0
0
0
0
Test mode block
D88
D89
D90
D91
D92
D93
D94
D95
0
0
0
0
0
0
0
0


Similar Part No. - LV3313PM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3313PM ONSEMI-LV3313PM Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results

Similar Description - LV3313PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com