Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV2282VA Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV2282VA
Description  Bi-CMOS IC FM Transmitter IC with Stereo Modulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV2282VA Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV2282VA Datasheet HTML 2Page - Sanyo Semicon Device LV2282VA Datasheet HTML 3Page - Sanyo Semicon Device LV2282VA Datasheet HTML 4Page - Sanyo Semicon Device LV2282VA Datasheet HTML 5Page - Sanyo Semicon Device LV2282VA Datasheet HTML 6Page - Sanyo Semicon Device LV2282VA Datasheet HTML 7Page - Sanyo Semicon Device LV2282VA Datasheet HTML 8Page - Sanyo Semicon Device LV2282VA Datasheet HTML 9Page - Sanyo Semicon Device LV2282VA Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LV2282VA
No.A0973-9/10
I2C Bus Operation
Time chart
Table 4. Timing specification
Ratings
Parameter
Symbol
min
typ
max
Unit
SCL clock frequency
fSCL
100
kHz
Bus free time between a STOP and START condition
tBUF
4.7
µs
Hold time START condition
tHD ; STA
4.0
µs
LOW period of the SCL clock
tLOW
4.7
µs
HIGH period of the SCL clock
tHIGH
4.0
µs
Data hold time
tHD ; DAT
0.0
µs
Data set-up time
tSU ; DAT
250
ns
Rise time of both SDA and SCL signals
tR
1000
ns
Fall time of both SDA and SCL signals
tF
300
ns
Set-up time for STOP condition
tSU ; STO
4.0
µs
I2C Bus AC Characteristics : Temp=25
°C VCC = 3.3V
Note : I2C Bus is a registered trademark of the Philips Co..
SDA
SCL
W
S
Master
Slave
S
→ Start condition
tBUF
tHD ; STA
tSU ; DAT
F
→ Stop condition
A
→ Acknowledge
A
A
A
6543
Address Byte
210
76543210
LSB
MSB
MSB
MSB First
LSB
MSB
LSB
Control Byte1
76543210
Control Byte2
F
tSU ; STO
Stop
condition
Start
condition
tHD ; DAT
tHIGH
tF
tLOW
tR
Serial I/F Bus
Controller
(Master)
LV2282VA
(Slave)
SDA
SCL


Similar Part No. - LV2282VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2283VB SANYO-LV2283VB Datasheet
118Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2285VB SANYO-LV2285VB Datasheet
165Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2285VB SANYO-LV2285VB_11 Datasheet
165Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
More results

Similar Description - LV2282VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2283VB SANYO-LV2283VB Datasheet
118Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
LV2285VB SANYO-LV2285VB_11 Datasheet
165Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
logo
Rohm
BH1415FV-E2 ROHM-BH1415FV-E2 Datasheet
206Kb / 6P
   FM stereo transmitter IC for audio systems
BH1415FV ROHM-BH1415FV Datasheet
200Kb / 6P
   FM stereo transmitter IC for audio systems
BH1418KN ROHM-BH1418KN Datasheet
292Kb / 6P
   FM stereo transmitter IC for audio systems
BH1418FV ROHM-BH1418FV Datasheet
205Kb / 6P
   FM stereo transmitter IC for audio systems
BH1417FV ROHM-BH1417FV Datasheet
199Kb / 6P
   FM stereo transmitter IC for audio systems
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com