Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LE25FU106B Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LE25FU106B
Description  CMOS IC 1M-bit (128K×8) Serial Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LE25FU106B
No.A1140-2/21
Continued from preceding page.
• Serial interface
: SPI mode 0, mode 3 supported
• Sector size
: 4K bytes/small sector, 32K bytes/sector
• Small sector erase, sector erase, chip erase functions
• Page program function (256 bytes/page)
• Block protect function
• Highly reliable read/write
Number of rewrite times : 10,000 times
Small sector erase time : 40ms (typ.), 150ms (max.)
Sector erase time
: 60ms (typ.), 200ms (max.)
Chip erase time
: 140ms (typ.), 1.4s (max.)
Page program time
: 2.0ms/256 bytes (typ.), 2.5ms/256 bytes (max.)
• Status functions
Ready/busy information, protect information
• Data retention period
: 20 years
• Package
: LE25FU106BTT MSOP8 (225mil)
: LE25FU106BMA MFP8 (225mil)
Package Dimensions
Package Dimensions
unit:mm (typ)
unit:mm (typ)
3276
[LE25FU106BTT]
3032D
[LE25FU106BMA]
Figure 1 Pin Assignments
SANYO : MFP8(225mil)
14
85
5.0
0.15
0.35
1.27
(0.65)
5.2
1.27
(0.7)
0.125
1
4
8
5
0.35
SANYO : MSOP8(225mil)
Top view
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5
MSOP8 (LE25FU106BTT)
MFP8 (LE25FU106BMA)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S25FL128P128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI Serial Peripheral Interface Bus 1 2 3 4 5 MoreSPANSION
W25X101M-BIT 2M-BIT 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI 1 2 3 4 5 MoreWinbond
W25X10_071M-BIT 2M-BIT 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI 1 2 3 4 5 MoreWinbond
W25P101M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI 1 2 3 4 5 MoreWinbond
W25X10A1M-BIT 2M-BIT 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI 1 2 3 4 5 MoreWinbond
W25X10AL1M-BIT 2M-BIT 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI 1 2 3 4 5 MoreWinbond
S25FL016A_0816 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI Serial Peripheral Interface Bus 1 2 3 4 5 MoreSPANSION
EN25B202 Mbit Serial Flash Memory with Boot and Parameter Sectors 1 2 3 4 5 MoreEon Silicon Solution Inc.
AM29F080B_068 Megabit 1 M x 8-Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29SL160C_0716 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl