Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC07422T Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC07422T
Description  CMOS IC Audio CODEC with Video Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC07422T Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC07422T Datasheet HTML 2Page - Sanyo Semicon Device LC07422T Datasheet HTML 3Page - Sanyo Semicon Device LC07422T Datasheet HTML 4Page - Sanyo Semicon Device LC07422T Datasheet HTML 5Page - Sanyo Semicon Device LC07422T Datasheet HTML 6Page - Sanyo Semicon Device LC07422T Datasheet HTML 7Page - Sanyo Semicon Device LC07422T Datasheet HTML 8Page - Sanyo Semicon Device LC07422T Datasheet HTML 9Page - Sanyo Semicon Device LC07422T Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LC07422T
No.A0908-9/10
Register Table
ADRS(Address): displayed in hexadecimal notation, Init (initial value): displayed in hexadecimal notation
“0” settings are used for registers indicated with “0”. The shaded registers are for IC chip testing. Their initial values
are fixed. Data must be set in all the registers.
(The TEST1-8 addresses, including the registers for test purposes, are set in the sequence of 16 h to 1 Dh.)
Register Data D[7:0]
Function
ADRS
[7:0]
INIT
7
6
5
4
3
2
1
0
PM1
00h
00h
VREF_BIAS[1]
VREF_BIAS[0]
SYNC_CLR
SEL_PDX
ALC_PDX
ADC_A_PDX
DAC_A_PDX
VIDEO_PDX
PM2
01h
00h
SP_OUTEN
SP_PDX
MIX_PDX
HP_PDX
LO_PDX
ADC_D_PDX
DAC_D_PDX
EVR_PDX
ALC1
02h
11h
0
0
LI_SEL_L[2]
LI_SEL_L[1]
0
0
LI_SEL_R[2]
LI_SEL_R[1]
ALC2
03h
3Dh
ALC_VAL[2]
ALC_VAL[1]
ALC_VAL[0]
ALC_FA[1]
ALC_FA[0]
ALC_FR[2]
ALC_FR[1]
ALC_FR[0]
ALC3
04h
86h
ALC_ZCD
ALC_ZCDTM[1]
ALC_ZCDTM[0]
ALC_FULLEN
ALC_ATLIM[1]
ALC_ATLIM[0]
ALC_RWT[1]
ALC_RWT[0]
ALC4
05h
0Eh
ALC_OFF
ALC_VMAX[6]
ALC_VMAX[5]
ALC_VMAX[4]
ALC_VMAX[3]
ALC_VMAX[2]
ALC_VMAX[1]
ALC_VMAX[0]
ALC5
06h
0Eh
ALC_MUTE_L
ALC_DVL[6]
ALC_DVL[5]
ALC_DVL[4]
ALC_DVL[3]
ALC_DVL[2]
ALC_DVL[1]
ALC_DVL[0]
ALC6
07h
0Eh
ALC_MUTE_R
ALC_DVR[6]
ALC_DVR[5]
ALC_DVR[4]
ALC_DVR[3]
ALC_DVR[2]
ALC_DVR[1]
ALC_DVR[0]
TEST0
08h
04h
TEST0[7]
TEST0[6]
TEST0[5]
TEST0[4]
TEST0[3]
TEST0[2]
TEST0[1]
TEST0[0]
CODEC1
09h
00h
0
0
0
ADF_BCLK
MCLK_DIV[1]
MCLK_DIV[0]
ADF_MODE[1]
ADF_MODE[0]
CODEC2
0Ah
00h
DAC_INV
ADC_INV
0
DE_EN
ADF_FS[1]
ADF_FS[0]
ADF_LB
ADF_MASTER
SEL/MIX
0Bh
A3h
SEL_L[1]
SEL_L[0]
SEL_R[1]
SEL_R[0]
0
0
MIX_MONO[1]
MIX_MONO[0]
EVR1
0Ch
80h
EVR_MUTE_L
0
EVR_GAIN_L[5]
EVR_GAIN_L[4]
EVR_GAIN_L[3]
EVR_GAIN_L[2]
EVR_GAIN_L[1]
EVR_GAIN_L[0]
EVR2
0Dh
80h
EVR_MUTE_R
0
EVR_GAIN_R[5]
EVR_GAIN_R[4]
EVR_GAIN_R[3]
EVR_GAIN_R[2]
EVR_GAIN_R[1]
EVR_GAIN_R[0]
EVR3
0Eh
2Eh
0
0
EVR_ZCD
EVR_ZCDTM[1]
EVR_ZCDTM[0]
EVR_SOFTSW
EVR_SSC[1]
EVR_SSC[0]
LINE
0Fh
0Bh
0
0
0
0
LO_GAIN[1]
LO_GAIN[0]
LO_VREFSW
LO_MUTE
HP
10h
01h
0
0
0
0
0
HP_PDNHIZ
HP_REFEN
HP_MUTE
SPK
11h
18h
SP_EXTBP_EN
SP_EXTBP_G[1]
SP_EXTBP_G[0]
SP_TSD_EN
SP_IDL[1]
SP_IDL[0]
SP_BIAS[1]
SP_BIAS[0]
VIDEO1
12h
11h
0
0
VD_Y_GAIN[5]
VD_Y_GAIN[4]
VD_Y_GAIN[3]
VD_Y_GAIN[2]
VD_Y_GAIN[1]
VD_Y_GAIN[0]
VIDEO2
13h
11h
0
0
VD_C_GAIN[5]
VD_C_GAIN[4]
VD_C_GAIN[3]
VD_C_GAIN[2]
VD_C_GAIN[1]
VD_C_GAIN[0]
VIDEO3
14h
30h
0
0
VD_SDC_SW[1]
VD_SDC_SW[0]
0
0
VD_V_EN
VD_YC_EN
VIDEO4
15h
56h
0
VD_CP_CLK[2]
VD_CP_CLK[1]
VD_CP_CLK[0]
0
VD_CLP_W
VD_CLP_POS
VD_TEST_CLP
TEST1
16h
00h
TEST1[7]
TEST1[6]
TEST1[5]
TEST1[4]
TEST1[3]
TEST1[2]
TEST1[1]
TEST1[0]
TEST2
17h
00h
TEST2[7]
TEST2[6]
TEST2[5]
TEST2[4]
TEST2[3]
TEST2[2]
TEST2[1]
TEST2[0]
TEST3
18h
00h
TEST3[7]
TEST3[6]
TEST3[5]
TEST3[4]
TEST3[3]
TEST3[2]
TEST3[1]
TEST3[0]
TEST4
19h
04h
TEST4[7]
TEST4[6]
TEST4[5]
TEST4[4]
TEST4[3]
TEST4[2]
TEST4[1]
TEST4[0]
TEST5
1Ah
00h
TEST5[7]
TEST5[6]
TEST5[5]
TEST5[4]
TEST5[3]
TEST5[2]
TEST5[1]
TEST5[0]
TEST6
1Bh
00h
TEST6[7]
TEST6[6]
TEST6[5]
TEST6[4]
TEST6[3]
TEST6[2]
TEST6[1]
TEST6[0]
TEST7
1Ch
01h
TEST7[7]
TEST7[6]
TEST7[5]
TEST7[4]
TEST7[3]
TEST7[2]
TEST7[1]
TEST7[0]
TEST8
1Dh
00h
TEST8[7]
TEST8[6]
TEST8[5]
TEST8[4]
TEST8[3]
TEST8[2]
TEST8[1]
TEST8[0]
ADRS
=Address
INIT
=Initial value
PM
=Power Management
ALC
=Automatic Level Control
ADC
=AD Converter
DAC
=DA Converter
EVR
=Electronic Variable Resistor
ADF
=Audio Data Format
PGA
=Programmable Gain Amplifier
Lch
=Left channel
Rch
=Right channel
2^n
=2
n (ex. 2^10 = 1024)
Nh
= N denotes a hexadecimal number.
Nb
= N denotes a binary number.
ABC[n] = Register with a multiple number of bits.
ABC is the register name, and “n” is the
number of bits.


Similar Part No. - LC07422T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
More results

Similar Description - LC07422T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC074146LP SANYO-LC074146LP Datasheet
529Kb / 31P
   CMOS IC Monaural CODECAudio I/F Video driver IC
LC0710LG SANYO-LC0710LG Datasheet
432Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
logo
Nuvoton Technology Corp...
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
   Mono Audio Codec with Speaker Driver
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
   Mono Audio Codec with Speaker Driver
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
logo
Renesas Technology Corp
TW2809C RENESAS-TW2809C Datasheet
4Mb / 130P
   Multichannel H.264 Audio/Video Codec
February 27, 2014
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
143Kb / 2P
   Multichannel H.264 Audio/Video Codec
July 31, 2015
logo
Renesas Technology Corp
TW2809C1 RENESAS-TW2809C1 Datasheet
3Mb / 130P
   Multichannel H.264 Audio/Video Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com