Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97PF40W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 97PF40W
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

97PF40W Datasheet(HTML) 3 Page - Vishay Siliconix

  97PF40W Datasheet HTML 1Page - Vishay Siliconix 97PF40W Datasheet HTML 2Page - Vishay Siliconix 97PF40W Datasheet HTML 3Page - Vishay Siliconix 97PF40W Datasheet HTML 4Page - Vishay Siliconix 97PF40W Datasheet HTML 5Page - Vishay Siliconix 97PF40W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93532
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 01-Oct-08
3
95PF(R)...(W) Series
Standard Recovery Diodes
Generation 2 DO-5 (Stud Version), 95 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.14
0.10
TJ = TJ maximum
K/W
120°
0.16
0.17
90°
0.21
0.22
60°
0.30
0.31
30°
0.50
0.50
Average Forward Current (A)
120
130
140
150
160
170
180
020
40
60
80100
30°
60°
90°
120°
180°
Conduction Angle
95PF(R) Series
RthJC = 0.27 K/W
Average Forward Current (A)
120
130
140
150
160
170
180
040
80
120
160
DC
30°
60°
90°
120°
180°
Conduction Period
95PF(R) Series
RthJC (DC) = 0.27 K/W
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
30
60
90
120
150
180
1 K/
W
2 K/
W
5 K/W
1.5
K/
W
3 K/W
0
20
40
60
80
100
120
140
160
020
40
60
80100
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
95PF(R) Series
Tj = 180°C


Similar Part No. - 97PF40W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
97PF120 IRF-97PF120 Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
97PF120W IRF-97PF120W Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
97PFR120W IRF-97PFR120W Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
More results

Similar Description - 97PF40W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
95PF140 VISHAY-95PF140 Datasheet
101Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com