Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC876D08A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC876D08A
Description  CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876D08A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC876D08A Datasheet HTML 1Page - Sanyo Semicon Device LC876D08A Datasheet HTML 2Page - Sanyo Semicon Device LC876D08A Datasheet HTML 3Page - Sanyo Semicon Device LC876D08A Datasheet HTML 4Page - Sanyo Semicon Device LC876D08A Datasheet HTML 5Page - Sanyo Semicon Device LC876D08A Datasheet HTML 6Page - Sanyo Semicon Device LC876D08A Datasheet HTML 7Page - Sanyo Semicon Device LC876D08A Datasheet HTML 8Page - Sanyo Semicon Device LC876D08A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LC876D16A/08A
No.A1122-3/19
SIO
• SIO 0: 8-bit synchronous serial interface
1) LSB first/MSB first function available
2) Internal 8-bit baud-rate generator (maximum transmit clock period 4/3 tCYC)
3) Consecutive automatic data communication
(1 to 256 bits (communication available for each bit) (stop and reopening available for each byte)
• SIO 1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial IO (2-wire or 3-wire, transmit clock 2 to 512 tCYC)
Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8 to 2048 tCYC)
Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2 to 512 tCYC)
Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection)
AD Converter: 8 bits
× 8 channels
Remote Control Receiver Circuit (sharing pins with P70/INT0/RMIN)
• Noise rejection function
(Units of noise rejection filter: about 120
μs, when selecting a 32.768kHz crystal oscillator as a clock.)
• Supporting reception formats with a guide-pulse of half-clock/clock/none.
• Determines a end of reception by detecting a no-signal periods (No carrier).
(Supports same reception format with a different bit length.)
• X’tal HOLD mode release function
Watchdog Timer
• The watching timer period is set using an external RC.
• Watchdog timer can produce interrupt, system reset.
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.
System Clock Divider Function
• Able to reduce current consumption
Available minimum instruction cycle time: 300ns, 600ns, 1.2
μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, 76.8μs.
(Using 10MHz main clock)
Interrupts: 15 sources, 10 vectored interrupts
• Three priority (low, high and highest) multiple interrupts are supported. During interrupt handling,
an equal or lower priority interrupt request is refused.
• If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence.
In the case of equal priority levels, the vector with the lowest address takes precedence.
No.
Vector
Selectable Level
Interrupt Signal
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/remote control receiver
4
0001BH
H or L
INT3/Base timer 0/1
5
00023H
H or L
T0H
6
0002BH
H or L
7
00033H
H or L
SIO0
8
0003BH
H or L
SIO1
9
00043H
H or L
ADC
10
0004BH
H or L
Port0/T4/T5
• Priority Level: X>H>L
• For equal priority levels, vector with lowest address takes precedence.
Subroutine Stack Levels: 512 levels Maximum (Stack is located in RAM.)


Similar Part No. - LC876D08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC876D08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com