Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

095PLL-4TSI Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. 095PLL-4TSI
Description  Aluminum Capacitors Power Long Life 4 Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

095PLL-4TSI Datasheet(HTML) 2 Page - Vishay Siliconix

  095PLL-4TSI Datasheet HTML 1Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 2Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 3Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 4Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 5Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 6Page - Vishay Siliconix 095PLL-4TSI Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
095 PLL-4TSI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life 4 Terminal Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28393
2
Revision: 08-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
1000
35 x 80
40 x 60
45 x 50
35 x 100
40 x 70
45 x 60
35 x 100
40 x 80
45 x 60
40 x 100
45 x 70
1500
40 x 80
45 x 70
40 x 100
45 x 80
40 x 100
45 x 80
45 x 100
1800
40 x 100
45 x 100
45 x 100
-
2200
45 x 100
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
350
400
420
450
1.3
(5x)
2.5
1
2
3
4
-
10 ± 0.1
20 ± 0.1
17.5 ± 0.1
20 ± 0.1
MGB267-1
1.3
(4x)
2.5
1
2
3
-
17.5 ± 0.1
7.5 ± 0.1
15 ± 0.1
L
4.9 ± 0.2
Ø D + 1 max.
L + 5 max.
Fig.3 Mounting hole diagram viewed
from component side
Case Ø D = 35 mm
Case Ø D = 35 mm
Fig.2 Printed wiring
pin version
Case Ø D = 40 mm
Fig.5 Mounting hole diagram viewed
from component side
Case Ø D = 40 mm
Fig.4 Printed wiring
pin version
22.5
Ø D
60
°
60
°
Bottom view
L
max.
6.3 ± 1
dummy
dummy
C
B
A
60
°
60
°
2 ± 0.1
(4x)
22.5
± 0.1
Dummy terminals (A and C) must be free from the electrical circuit
Fig. 6 4-Terminal Snap-in
Fig. 7 Mounting hole diagram
FOUR TERMINAL SNAP-IN
PRINTED WIRING
Ø D + 1 max.
L + 5 max.
CCA976-1
L
4.9 ± 0.2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn